Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9528BCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9528BCPZ
Description  Maximum output frequency
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528BCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9528BCPZ Datasheet HTML 10Page - Analog Devices AD9528BCPZ Datasheet HTML 11Page - Analog Devices AD9528BCPZ Datasheet HTML 12Page - Analog Devices AD9528BCPZ Datasheet HTML 13Page - Analog Devices AD9528BCPZ Datasheet HTML 14Page - Analog Devices AD9528BCPZ Datasheet HTML 15Page - Analog Devices AD9528BCPZ Datasheet HTML 16Page - Analog Devices AD9528BCPZ Datasheet HTML 17Page - Analog Devices AD9528BCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
Data Sheet
AD9528
Rev. C | Page 13 of 67
SERIAL CONTROL PORT—SERIAL PORT INTERFACE (SPI) MODE
Table 17.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
CS (INPUT)
CS has an internal 40 kΩ pull-up resistor
Voltage
Input Logic 1
1.37
V
Input Logic 0
1.33
V
Current
Input Logic 1
−52
µA
Input Logic 0
−82
µA
Input Capacitance
2
pF
SCLK (INPUT) IN SPI MODE
SCLK has an internal 40 kΩ pull-down
resistor in SPI mode but not in I2C mode
Voltage
Input Logic 1
1.76
V
Input Logic 0
1.22
V
Current
Input Logic 1
0.0037
µA
Input Logic 0
0.0012
µA
Input Capacitance
2
pF
SDIO
Input is in bidirectional mode
Voltage
Input Logic 1
1.76
V
Input Logic 0
1.22
V
Current
Input Logic 1
0.0037
µA
Input Logic 0
0.0012
µA
Input Capacitance
3.5
pF
SDIO, SDO (OUTPUTS)
Voltage
Output Logic 1
3.11
V
Output Logic 0
0.0018
V
TIMING
Clock Rate (SCLK, 1/t
SCLK)
50
MHz
Pulse Width High
t
HIGH
4
ns
Pulse Width Low
t
LOW
2
ns
SDIO to SCLK Setup
t
DS
2.2
ns
SCLK to SDIO Hold
t
DH
−0.9
ns
SCLK to Valid SDIO and SDO
t
DV
6
ns
CS to SCLK Setup
t
S
1.25
ns
CS to SCLK Hold
t
C
0
ns
CS Minimum Pulse Width High
t
PWH
0.9
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com