| Electronic Components Datasheet Search |
|
AD9528BCPZ Datasheet(PDF) 40 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9528BCPZ Datasheet(HTML) 40 Page - Analog Devices |
|
40 / 68 page ![]() Data Sheet AD9528 Rev. C | Page 39 of 67 When all the data bytes are read or written, stop conditions are established. In write mode, the master (transmitter) asserts a stop condition to end data transfer during the clock pulse following the acknowledge bit for the last data byte from the slave device (receiver). In read mode, the master device (receiver) receives the last data byte from the slave device (transmitter) but does not pull SDA low during the ninth clock pulse. This is known as a no acknowledge bit. By receiving the no acknowledge bit, the slave device knows that the data transfer is finished and enters idle mode. The master then pulls the data line low during the low period before the 10th clock pulse, and high during the 10th clock pulse to assert a stop condition. A start condition can be used in place of a stop condition. Furthermore, a start or stop condition can occur at any time, and partially transferred bytes are discarded. Figure 47. Start and Stop Conditions Figure 48. Acknowledge Bit Figure 49. Data Transfer Process (Master Write Mode, 2-Byte Transfer) Figure 50. Data Transfer Process (Master Read Mode, 2-Byte Transfer), First ACK From Slave SDA START CONDITION STOP CONDITION SCL S P 1 2 8 9 1 2 3 TO 7 3 TO 7 8 9 10 SDA SCL S MSB ACK FROM SLAVE RECEIVER ACK FROM SLAVE RECEIVER P 1 2 8 9 1 2 3 TO 7 3 TO 7 8 9 10 ACK FROM SLAVE RECEIVER ACK FROM SLAVE RECEIVER SDA SCL S MSB P 1 2 8 9 1 2 3 TO 7 3 TO 7 8 9 10 ACK FROM MASTER RECEIVER NONACK FROM MASTER RECEIVER SDA SCL S P |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |