Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTS701MF/T Datasheet(PDF) 44 Page - Winbond

Part # WTS701MF/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MF/T Datasheet(HTML) 44 Page - Winbond

Back Button WTS701MF/T Datasheet HTML 40Page - Winbond WTS701MF/T Datasheet HTML 41Page - Winbond WTS701MF/T Datasheet HTML 42Page - Winbond WTS701MF/T Datasheet HTML 43Page - Winbond WTS701MF/T Datasheet HTML 44Page - Winbond WTS701MF/T Datasheet HTML 45Page - Winbond WTS701MF/T Datasheet HTML 46Page - Winbond WTS701MF/T Datasheet HTML 47Page - Winbond WTS701MF/T Datasheet HTML 48Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 77 page
background image
WTS701
- 44 -
The user has the choice of enabling interrupts to signal the host when there is free space in the
internal buffer. When all text data has been sent, the user must indicate this by:
1. Sending a FIN (Finish) command
2. Sending an EOT (ASCII 0x1A) character as the last byte of a CONV command
(MANDARIN UNICODE/Big5 0x00 0x1A)
When conversion has been terminated using either of these commands, another CONV command
cannot be sent until conversion is completed and the chip enters the WAIT state.
Notes
1. Buffer length limit:
The max. character length of a white-space-bounded string is 53. The exceeding characters
will be truncated.
2. Undefined characters:
All the undefined characters will be deleted (prior to the word pronounciation process). The
defined characters range from ‘0x00’ to 0x7A’ excluding ‘0x22’, ‘0x3C’, ‘0x3E’ and ‘0x60’.
Once the WTS701 has synthesized the contents of the text buffer, it will enter the WAIT state. In this
state the audio interface is still active. To disable the audio interface and return to the IDLE state an
IDLE command is sent. The WAIT state can be detected either through polling of the CNVT bit or
enabling of the ICNV interrupt. An example of the flow for a conversion is shown in Figure 11. The
flow here assumes that the COM register is set such that the WTS701 generates an IBUF interrupt at
the 75 percent buffer level (64 free bytes) and that the ICNV interrupt is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com