Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTS701MF/T Datasheet(PDF) 47 Page - Winbond

Part # WTS701MF/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MF/T Datasheet(HTML) 47 Page - Winbond

Back Button WTS701MF/T Datasheet HTML 43Page - Winbond WTS701MF/T Datasheet HTML 44Page - Winbond WTS701MF/T Datasheet HTML 45Page - Winbond WTS701MF/T Datasheet HTML 46Page - Winbond WTS701MF/T Datasheet HTML 47Page - Winbond WTS701MF/T Datasheet HTML 48Page - Winbond WTS701MF/T Datasheet HTML 49Page - Winbond WTS701MF/T Datasheet HTML 50Page - Winbond WTS701MF/T Datasheet HTML 51Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 77 page
background image
WTS701
Publication Release Date: May 2003
- 47 -
Revision 3.09
0
1
2
3
4
5
6
70
1
2
3
4
5
6
7
Command
Byte
Command
Data Byte
0
0
00
0
0
0
SCLK
MOSI
MISO
SSB
Figure 12. Type I SPI Transaction.
Type II – Two Word Transactions that Receive Data
Type II transactions are four byte transactions that read out the byte count register. As these
commands are all Class0, ICMD will never be active and R/ B will never occur.
Command
Byte
Command
Data Byte
Data Byte 0
(even)
Data Byte 1
(odd)
SCLK
MOSI
MISO
SSB
BCNT0
BCNT1
0
1
2
3
4
5
6
70
1
2
3
4
5
6
7
0
0
00
0
0
0
1
2
3
4
5
68
9
a
b
c
d
e
f
7
0
Figure 13. Type II SPI Transaction.
Type III – Transactions that send data
Type III transactions send data to the WTS701. If the data rate exceeds the ability of the WTS701 to
read data from the input FIFO or if the internal data queue becomes full then the R/ B line will
handshake a pause in the SPI transaction. The host can either:
•
Wait for R/ B to return HIGH then continue sending data
•
Terminate the transaction and try sending data later



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com