Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTS701MF/T Datasheet(PDF) 23 Page - Winbond

Part # WTS701MF/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MF/T Datasheet(HTML) 23 Page - Winbond

Back Button WTS701MF/T Datasheet HTML 19Page - Winbond WTS701MF/T Datasheet HTML 20Page - Winbond WTS701MF/T Datasheet HTML 21Page - Winbond WTS701MF/T Datasheet HTML 22Page - Winbond WTS701MF/T Datasheet HTML 23Page - Winbond WTS701MF/T Datasheet HTML 24Page - Winbond WTS701MF/T Datasheet HTML 25Page - Winbond WTS701MF/T Datasheet HTML 26Page - Winbond WTS701MF/T Datasheet HTML 27Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 77 page
background image
WTS701
Publication Release Date: May 2003
- 23 -
Revision 3.09
7.3.4 BCNT -- Byte Count Register
The byte count register (BCNT) is a tool for the host to keep track of where in a conversion the
WTS701 is. When a new conversion is started, the byte count register is reset to zero. As each word
(as defined by white-space separated characters) is spoken, the byte count register is updated to
point to the first character of the next word to be spoken. In this way, the host can position a new
conversion if the user wishes to repeat or skip text. The BCNT register is sent with BCNT1 (MSB) first
and BCNT0 (LSB) second.
7.3.5 Command Acceptance
The WTS701 processes commands and data as they are sent to the device. Under certain conditions
the device will not be ready to accept a new command or data. If the device has not finished
processing the previous command, the ICMD bit of the status register will be set. If this bit is set, it
implies that device is not in a position to accept the command being sent and that it will be ignored.
The host should monitor this bit when a command is sent and, if it is detected, the SPI transaction
should be terminated at the end of the command word. The host can then resend the command until
the command is accepted.
7.3.6 Data Acceptance
The WTS701 has an eight byte FIFO to buffer data from the SPI port to the internal processor. During
a conversion, data is read from this FIFO into an internal RAM data buffer. If SPI transmission is too
fast for the WTS701 to keep up with, the R/ B line will be asserted (LOW) to pause data transfer.
Alternatively, the STATUS register can be monitored for the state of the R/ B signal.
7.4 COMMANDS OVERVIEW
Control of the WTS701 is implemented through a 16-bit command word. The command word is
always the first word to follow the falling edge on the SS signal. The command word consists of the
command byte followed by the command data byte. Many commands do not require a command data
byte, although one must be sent. For commands that have no data, the command data byte is a ‘don’t
care’.
Commands fall into five categories. Commands that control an operational synthesis function of the
text-to-speech processing, commands that modify internal configuration registers, commands that
change system state, commands that read internal status registers, and customization commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com