Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTS701MF/T Datasheet(PDF) 54 Page - Winbond

Part # WTS701MF/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MF/T Datasheet(HTML) 54 Page - Winbond

Back Button WTS701MF/T Datasheet HTML 50Page - Winbond WTS701MF/T Datasheet HTML 51Page - Winbond WTS701MF/T Datasheet HTML 52Page - Winbond WTS701MF/T Datasheet HTML 53Page - Winbond WTS701MF/T Datasheet HTML 54Page - Winbond WTS701MF/T Datasheet HTML 55Page - Winbond WTS701MF/T Datasheet HTML 56Page - Winbond WTS701MF/T Datasheet HTML 57Page - Winbond WTS701MF/T Datasheet HTML 58Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 77 page
background image
WTS701
- 54 -
Numbers 1 and 0 represent stress: each word has a single 1 stress, representing the main stress of
the word; all other syllables have 0 stress.
Examples:
Input
Phonetic translation
hi.
h1Y (phoneme /h/, followed by a 1-stress vowel phoneme Y)
test
t1Est
testing
t1Est0IG
Special Characters in Text Input String
These characters inserted into the ASCII text are used to modify the behavior for special
circumstances.
0x10 ^P
This control flag indicates a phoneme string follows immediately (e.g.
‘^Ppr0Ez0Intles0In’).
0x11 ^Q
Pauses with variant length can be added within a sentence by using the ‘^QX’ flag. ‘X’
is an integer which indicates the pause duration (‘X’ is 0.1 sec per unit). For instance, ‘^Q10’ will add
in a 1-second pause.
It is important to remember that all the text following these special characters will be subjected to the
same special conditions. If a ^V+ command precedes a word then all the following words will be
spoken louder. If a single word is to be emphasized then the ^V+ must be ahead of the word and a
^V- must follow.
7.7.2 Speed Change
The rate of speech can be changed by sending an SPI command to modify the speed or by adding a
control character to control the speed in real-time.
0x13 ^S
Speed Change Flag. A space character is required after the control characters before
the input text string.
•
^S+: Increase speed by 1 (e.g. ‘^S+ Hello world’).
•
^S-: Decrease speed by 1.
•
^SX: Set the speed to X. X starts from 0 to 4 (e.g. ‘^S1 Hello world’).
Any number that is greater than 4 will be set to 4.
It’s the user’s responsibility to verify the WTS701 speed setting before sending a control character
and/or SPI command that modify speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com