Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTS701MF/T Datasheet(PDF) 37 Page - Winbond

Part # WTS701MF/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MF/T Datasheet(HTML) 37 Page - Winbond

Back Button WTS701MF/T Datasheet HTML 33Page - Winbond WTS701MF/T Datasheet HTML 34Page - Winbond WTS701MF/T Datasheet HTML 35Page - Winbond WTS701MF/T Datasheet HTML 36Page - Winbond WTS701MF/T Datasheet HTML 37Page - Winbond WTS701MF/T Datasheet HTML 38Page - Winbond WTS701MF/T Datasheet HTML 39Page - Winbond WTS701MF/T Datasheet HTML 40Page - Winbond WTS701MF/T Datasheet HTML 41Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 77 page
background image
WTS701
Publication Release Date: May 2003
- 37 -
Revision 3.09
ABBR_DEL
DELETE ABBREVIATION ENTRY
This command deletes abbreviation entry from abbreviation table.
ABBR_DEL
Class
2
Type
I
Host controller
0x83
0x00
DATA0
…
DATAn
Byte
Sequence:
WTS701
Status Byte 0
Status Byte 1
Status Byte 0
…
Status Byte n%2
Description:
Delete an entry from the abbreviation table.
ENTER_RRSM SWAP MEMORY
This command is used in programming mode, and causes the xdata and code store memory to swap
spaces. Please refer to subsection 7.8 for more information about customizing abbreviations.
ENTER_RRSM
Class
0
Type
I
Host controller
0x0C
0x00
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
Description:
Swap memory between xdata and code store.
7.4.2 Illegal Commands
All commands described in section 7.4.1 are the only legal commands that should be sent to the
WTS701 device, unless stated otherwise. Other commands should not be sent to the device, as the
device behavior cannot be predicted. Specific illegal commands are those in which the 2 Most
Significant Bits of the Command Byte are zeros and are not defined in this document as commands
allowed to be sent to the WTS701.
7.4.3 Configuration Registers
The configuration registers are accessed by sending the appropriate configuration command followed
by a single byte of data to load the register. The definition of the contents of the various registers is
given below. The default value for each of these registers after Power Up or Reset is also described in
Table 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com