Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTS701MF/T Datasheet(PDF) 35 Page - Winbond

Part # WTS701MF/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MF/T Datasheet(HTML) 35 Page - Winbond

Back Button WTS701MF/T Datasheet HTML 31Page - Winbond WTS701MF/T Datasheet HTML 32Page - Winbond WTS701MF/T Datasheet HTML 33Page - Winbond WTS701MF/T Datasheet HTML 34Page - Winbond WTS701MF/T Datasheet HTML 35Page - Winbond WTS701MF/T Datasheet HTML 36Page - Winbond WTS701MF/T Datasheet HTML 37Page - Winbond WTS701MF/T Datasheet HTML 38Page - Winbond WTS701MF/T Datasheet HTML 39Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 77 page
background image
WTS701
Publication Release Date: May 2003
- 35 -
Revision 3.09
SPDN
SPEED DOWN COMMAND
Decrease speaking rate (SPD register). Has no effect if already at minimum speaking rate. The
Default value of this register after Power-Up or Reset is 0x02. Refer to subsection 7.4.3 -
Configuration Registers, which describes all register bits.
SPDN
Class
1
Type
I
Host controller
0x56
0x00
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
Description:
Decrease speaking rate (SPD register).
RST
RESET COMMAND
Sending this command has the same affect as a Power-On reset, the WTS701 enters the POWER
DOWN state.
RST
Class
0
Type
I
Host controller
0x10
0x00
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
Description:
Reset the WTS701 device.
ABBR_ADD
ADD ABBREVIATION
Add an entry to the abbreviation table.
ABBR_ADD
Class
2
Type
III
Host controller
0xAF
0x00
DATA0
…
DATAn
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
Status Byte 0
… Status Byte n%2
Description:
Add an entry to the abbreviation table..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com