Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTS701MF/T Datasheet(PDF) 2 Page - Winbond

Part # WTS701MF/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MF/T Datasheet(HTML) 2 Page - Winbond

  WTS701MF/T Datasheet HTML 1Page - Winbond WTS701MF/T Datasheet HTML 2Page - Winbond WTS701MF/T Datasheet HTML 3Page - Winbond WTS701MF/T Datasheet HTML 4Page - Winbond WTS701MF/T Datasheet HTML 5Page - Winbond WTS701MF/T Datasheet HTML 6Page - Winbond WTS701MF/T Datasheet HTML 7Page - Winbond WTS701MF/T Datasheet HTML 8Page - Winbond WTS701MF/T Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 77 page
background image
WTS701
- 2 -
1. GENERAL DESCRIPTION
The WTS701 is a high quality, fully integrated, single-chip Text-to-Speech solution that is ideal for use
in applications such as automotive appliances, GPS/navigation systems, cellular phones and other
portable products or accessories. The WTS701 product accepts ASCII (Unicode and Big5 for
Mandarin) input via a SPI port and converts it to spoken audio via an analog output or digital CODEC
output.
The WTS701 integrates a text processor, smoothing filter and multi-level memory storage array on a
single-chip. Text-to-speech conversion is achieved by processing the incoming text into a phonetic
representation that is then mapped to a corpus of naturally spoken word parts. The synthesis
algorithm attempts to use the largest possible word unit in the appropriate context to maximize natural
sounding speech quality. The speech units are stored uncompressed in a multi-level, non-volatile
analog storage array to provide the highest sound quality to density trade-off. This unique, single-chip
solution is made possible through Winbond’s patented multilevel storage technology. Voice and audio
signals are stored directly into solid-state memory in their natural, uncompressed form, providing
superior quality voice reproduction.
The chip can be programmed through the SPI port, allowing downloading of different languages and
speaker databases when made available by Winbond.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com