Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTS701MF/T Datasheet(PDF) 34 Page - Winbond

Part # WTS701MF/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701MF/T Datasheet(HTML) 34 Page - Winbond

Back Button WTS701MF/T Datasheet HTML 30Page - Winbond WTS701MF/T Datasheet HTML 31Page - Winbond WTS701MF/T Datasheet HTML 32Page - Winbond WTS701MF/T Datasheet HTML 33Page - Winbond WTS701MF/T Datasheet HTML 34Page - Winbond WTS701MF/T Datasheet HTML 35Page - Winbond WTS701MF/T Datasheet HTML 36Page - Winbond WTS701MF/T Datasheet HTML 37Page - Winbond WTS701MF/T Datasheet HTML 38Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 77 page
background image
WTS701
- 34 -
VLUP
VOLUME-UP COMMAND
Increment the volume (VOL) register. Has no effect if already at maximum volume.
The Default value of this register after Power-Up or Reset is 0x07. Refer to subsection 7.4.3 -
Configuration Registers, which describes all register bits.
VLUP
Class
1
Type
I
Host controller
0x53
0x00
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
Description:
Increment the volume (VOL) register.
VLDN
VOLUME DOWN COMMAND
Decrement the volume (VOL) register. This has no effect if already at minimum volume. The Default
value of this register after Power-Up or Reset is 0x07. Refer to subsection 7.4.3 - Configuration
Registers, which describes all register bits.
VLDN
Class
1
Type
I
Host controller
0x54
0x00
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
Description:
Decrement the volume (VOL) register.
SPUP
SPEED UP COMMAND
Increase speaking rate (SPD register). This has no effect if already at maximum speaking rate. The
Default value of this register after Power-Up or Reset is 0x02. Refer to subsection 7.4.3 -
Configuration Registers, which describes all register bits.
SPUP
Class
1
Type
I
Host controller
0x55
0x00
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
Description:
Increase speaking rate (SPD register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com