Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLB128B Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SLB128B
Description  Transmitter with built-in scaler for LVDS Display Interface (LDI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SLB128B Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button SLB128B Datasheet HTML 17Page - National Semiconductor (TI) SLB128B Datasheet HTML 18Page - National Semiconductor (TI) SLB128B Datasheet HTML 19Page - National Semiconductor (TI) SLB128B Datasheet HTML 20Page - National Semiconductor (TI) SLB128B Datasheet HTML 21Page - National Semiconductor (TI) SLB128B Datasheet HTML 22Page - National Semiconductor (TI) SLB128B Datasheet HTML 23Page - National Semiconductor (TI) SLB128B Datasheet HTML 24Page - National Semiconductor (TI) SLB128B Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Host Control Register Descriptions (Continued)
Register Name: DEBUG_A
Address Offset: 0Dh
Default Value:
See Description — Depends on pin state
Access Method: Mixed
Bit
Description
1:0
DUAL (1:0), State of DUAL pin (Read Only)
00= SISO
01= SIDO
11= DIDO
2
PLLOCK (Read Only)
3
Reserved (Read Only)
7:4
Reserved (R/W)
Register Name: RESERVED
Address Offset: 0Eh–0Fh
Default Value:
00h
Access Method: R/W
Bit
Description
7:0
Reserved
LVDS Interface
TABLE 2. LVDS data bit naming convention
X
Y
Z
Description
X=R
Red
X=G
Green
X=B
Blue
Y=1
Odd (First) Pixel
Y=2
Even (Second) Pixel
Z=0-7
LVDS bit number (not VGA controller LSB to MSB)
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com