Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLB128B Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SLB128B
Description  Transmitter with built-in scaler for LVDS Display Interface (LDI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SLB128B Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button SLB128B Datasheet HTML 40Page - National Semiconductor (TI) SLB128B Datasheet HTML 41Page - National Semiconductor (TI) SLB128B Datasheet HTML 42Page - National Semiconductor (TI) SLB128B Datasheet HTML 43Page - National Semiconductor (TI) SLB128B Datasheet HTML 44Page - National Semiconductor (TI) SLB128B Datasheet HTML 45Page - National Semiconductor (TI) SLB128B Datasheet HTML 46Page - National Semiconductor (TI) SLB128B Datasheet HTML 47Page - National Semiconductor (TI) SLB128B Datasheet HTML 48Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
Applications Information (Continued)
4. To configure for dual pixel in to dual pixel out application
using the DS90C2501 with DS90CF364 or DS90CF364A or
DS90CF366, the “DUAL” pin must be set to V
CC. In this
mode, outputs A0-to-A7, and CLK1, CLK2 are enabled. Do
note that scaler will be shut down in this configuration.
Board Layout and Thermal Considerations for the
DS90C2501
Note: The thermal information listed in this document is
based on preliminary simulation results and subject to
change.
The thermal enhancement features of the (CSP) chip scale
package require special considerations and guidelines to be
observed to insure optimal thermal performance in applica-
tions were the cooling method is free-air convection.
The CSP128 package has a 5X5 matrix of thermal pads
designed to efficiently conduct heat from the device to the
plane of the printed circuit board. The package requires this
thermal connection to increase the effective surface area of
the package to maintain safe operating die temperatures.
The vias of the thermal pads should be connected to the
board’s ground plane having a minimum effective area of
2000 mm
2.
For more complex system thermal design situations, it is
recommended that system level thermal analysis tools be
utilized to insure the maximum junction temperature is not
exceeded.
The graph in Figure 24 shows the expected junction tem-
perature for a given plane area under varying ambient tem-
perature conditions. Figure 25 shows the recommended
PCB footprint for the DS90C2501. The following assump-
tions were used:
•
Board Thickness = 1.6mm
•
Board Area = 7742 sq. mm
•
Copper Plane=1oz.
•
Number of layers = 4
•
Signal Trace Length = 25.4mm
•
Maximum Junction Temperature = +150˚C
•
Package
θ
JA = 31.7˚C/W (Natural Convection)
•
The example does not take heating effects from adjacent
system components into consideration.
•
Pd (max) = 1.8W*
*(scaler on, SXGA to SXGA+ scaling, single in -dual output
port mode, V
DD2.5
+10%, V
DD3.3
+10%, max. process
variation)
As a final design verification, the temperature at the top-
center of the case (T
CASE) should not exceed 97˚C.
Junction Temperature vs. Plane Area
20004570
FIGURE 24. Junction Temperature vs. Ground Plane Area
www.national.com
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com