Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLB128B Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SLB128B
Description  Transmitter with built-in scaler for LVDS Display Interface (LDI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SLB128B Datasheet(HTML) 4 Page - National Semiconductor (TI)

  SLB128B Datasheet HTML 1Page - National Semiconductor (TI) SLB128B Datasheet HTML 2Page - National Semiconductor (TI) SLB128B Datasheet HTML 3Page - National Semiconductor (TI) SLB128B Datasheet HTML 4Page - National Semiconductor (TI) SLB128B Datasheet HTML 5Page - National Semiconductor (TI) SLB128B Datasheet HTML 6Page - National Semiconductor (TI) SLB128B Datasheet HTML 7Page - National Semiconductor (TI) SLB128B Datasheet HTML 8Page - National Semiconductor (TI) SLB128B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
DC Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Low Voltage Level DC SPECIFICATIONS (pins D0 to D23, CLKINP, CLKINM, DE, HSYNC,VSYNC)
V
DDQ
Low Swing Voltage
from GMCH
1
+1.8
V
V
ILSH
Low Swing High Level Input
Voltage
V
REF+
100mV
V
DDQ
V
V
ILSL
Low Swing Low Level Input
Voltage
0V
REF-
100mV
V
V
REF
Differential Input Reference
Voltage
0.475
1
⁄2V
DDQ
0.945
V
LVDS DRIVER DC SPECIFICATIONS (Output pins AnP, AnM, CLKnP and CLKnM)
V
OD
Differential Output Voltage
R
L = 100
Ω
250
345
450
mV
∆V
OD
Change in V
OD between
Complimentary Output
States
335
mV
V
OS
Offset Voltage
1.125
1.32
1.475
V
∆V
OS
Change in V
OS between
Complimentary Output
States
1.5
35
mV
I
OS
Output Short Circuit Current
V
OUT = 0V
0
−8.5
-15
mA
I
OZ
Output TRI-STATE Current
PD = 0V, V
OUT =0VorVCC
±0.1
±10
µA
SUPPLY CURRENT
I
CC1
Transmitter Supply Current
when data input and clock
input are at Low Swing level.
R
L = 100
Ω,C
L =
5 pF, DUAL pin
= GND, BAL =
GND, one 12bit
input, Pattern
Figure 1
f = 65MHz,
scaler off, 2.75V
supply
70
120
mA
f = 65 MHz,
scaler off, 3.6V
supply
38
90
mA
I
CC2
Transmitter Supply Current
when data input and clock
input are at Low Swing level.
R
L = 100
Ω,C
L =
5 pF, DUAL pin
= 1⁄2 VCC, BAL =
GND, one 12bit
input, Pattern
Figure 1
f = 108MHz,
scaler off, 2.75V
supply
85
130
mA
f = 108 MHz,
scaler off, 3.6V
supply.
75
130
mA
I
CC3
Transmitter Supply Current
when data input and clock
input are at Low Swing level.
R
L = 100
Ω,C
L =
5 pF, DUAL pin
= GND, BAL =
GND, one 12bit
input
f = 65 MHz,
scaler on, 2.75V
supply
330
415
mA
I
CC4
Transmitter Supply Current
when data input and clock
input are at Low Swing level.
R
L = 100
Ω,C
L =
5 pF, DUAL pin
= 1⁄2V
CC, BAL =
GND, one 12bit
input
f = 108 MHz,
scaler on, 2.75V
supply
483
610
mA
ICCTZ
Transmitter Supply Current
Power Down
PD = GND. TST1, TST2, TST3, ID0,
ID1, ID2, ID3, A0, A1, A2, RES1,
RES2, RES3, RES4 = GND, BAL =
GND.
75
µA
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com