Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLB128B Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SLB128B
Description  Transmitter with built-in scaler for LVDS Display Interface (LDI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SLB128B Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button SLB128B Datasheet HTML 8Page - National Semiconductor (TI) SLB128B Datasheet HTML 9Page - National Semiconductor (TI) SLB128B Datasheet HTML 10Page - National Semiconductor (TI) SLB128B Datasheet HTML 11Page - National Semiconductor (TI) SLB128B Datasheet HTML 12Page - National Semiconductor (TI) SLB128B Datasheet HTML 13Page - National Semiconductor (TI) SLB128B Datasheet HTML 14Page - National Semiconductor (TI) SLB128B Datasheet HTML 15Page - National Semiconductor (TI) SLB128B Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
DS90C2501 Pin Description
Pin Name
Pin No.
I/O Type
Description
DVO INTERFACE
D0–D23
17, 16,
15, 14,
13, 12, 9,
8, 7, 6, 5,
4, 32, 31,
30, 29,
28, 27,
26, 25,
24, 23,
22, 21
I-LVTTL/ Low
Swing (See
V
REF signal
description
for more
information
on Low
Swing)
DVO Port RGB input data
When DUAL pin = GND inputs D0–D11 correspond to LVDS ports A0–A3.
When DUAL pin = 1⁄2V
CC, 1st pixel from D0–D11 corresponds to LVDS ports
A0–A3, 2nd pixel from D0–D11 corresponds to LVDS ports A4–A7.
When DUAL pin = V
CC, 1st pixel from D0–D11 corresponds to LVDS ports
A0–A3, 2nd pixel from D12–D23 corresponds to LVDS ports A4–A7.
Note: Ports refer to the corresponding differential LVDS pin pairs. The port A nomenclature should not
be confused with the serial interface slave address pins AO-A2.
DE
3
I-LVTTL/ Low
Swing
Display Data Enable. When High, input pixel data is valid to DS90C2501
when R_FDE bit = High (default). See RFDE register field for more
information .
HSYNC
2
I-LVTTL/ Low
Swing
Display Horizontal Sync input control signal.
VSYNC
1
I-LVTTL/ Low
Swing
Display Vertical Sync input control signal.
CLKINP
10
I-LVTTL/ Low
Swing
Differential
“Positive” differential pixel clock input. A differential clock is recommended for
applications 65 MHz or higher.
CLKINM
11
I-LVTTL/ Low
Swing
Differential
“Minus” differential pixel clock input. A differential clock is recommended for
applications 65 MHz or higher.
HOST INTERFACE
RESETN
61
I-LVTTL 2.5
Active low RESET signal. Asserting RESETN will reset all internal logic and
clear the Host Interface registers.
S2CCLK
72
I-LVTTL3V
This is the clock line for the two-wire serial communication interface. Normally
a pull-up resistor is required in the system.
S2CDAT
71
I/O-LVTTL3V
This is the data line for two-wire serial communication interface. A Pull-up
resistor is normally required in the system.
MSEN
98
O-LVTTL 2.5
Interrupt signal. This is an open drain output, a pull-up resistor is required.
Please refer to MDI, RSEN, TSEL and MSEL register fields in Register Field
Definitions for more information. This signal requires support from host
software.
PD
99
I-LVTTL 2.5
Power Down Signal. A logic “0” will place the device in power down mode per
Table 1 below.
When maximum power savings is desired, the PD pin or soft power down bit
(Reg 08h bit 0) should be used to power down the DS90C2501.
LVDS outputs of the device will be in TRI-STATE.
Scaling engine will be powered down, and retain all register values.
PLL will be powered down.
All data input pads will be powered down. V
REF circuit is powered down. The
two-wire serial communication interface remains active and all register
contents will be retained.
All GPIO pins will be disabled (tri-state if programmed as an output).
ENAVDD, ENABKL, PWM, VSTALL and HIRQ pins remain active and can be
accessed through the two-wire serial communication interface.
CLOCK
REFCLK1
18
I-LVTTL3V
Reference clock, — A 3V, 14.318 MHz clock is required for internal control
and timing. This clock must be stable when the DS90C2501 is powered-up.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com