Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLB128B Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SLB128B
Description  Transmitter with built-in scaler for LVDS Display Interface (LDI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SLB128B Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button SLB128B Datasheet HTML 13Page - National Semiconductor (TI) SLB128B Datasheet HTML 14Page - National Semiconductor (TI) SLB128B Datasheet HTML 15Page - National Semiconductor (TI) SLB128B Datasheet HTML 16Page - National Semiconductor (TI) SLB128B Datasheet HTML 17Page - National Semiconductor (TI) SLB128B Datasheet HTML 18Page - National Semiconductor (TI) SLB128B Datasheet HTML 19Page - National Semiconductor (TI) SLB128B Datasheet HTML 20Page - National Semiconductor (TI) SLB128B Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
Serial Bus Protocol (Continued)
The master must generate a “ Start ”, and send the 7-bit
slave address plus a 0 first, and wait for acknowledge from
DS90C2501. When DS90C2501 acknowledges (the 1st
ACK) that the master is calling, the master then sends the
data register address byte, and waits for acknowledge from
the slave. When the slave acknowledges(the 2nd ACK), the
master repeats the “ Start ” by sending the 7-bit slave
address plus a 1 (indicating that READ operation is in
progress), and waits for acknowledge from DS90C2501.
After the slave responds (the 3rd ACK), the slave sends the
data to the bus, and waits for acknowledge from the master.
When the master acknowledges (the 4th ACK), and gener-
ates a “ Stop ”, this completes the “ READ ”.
If the 4th ACK is received from the master and no “ Stop ”
follows it, the slave will keep sending the data of next register
until “ Stop ” is received from the master. If the 4th ACK is not
received from the master, the slave will terminate the Serial
Bus communication, and giving the bus control back to the
master.
The master must generate a “ Start ”, and send the 7-bit
slave address plus a 0 and wait for acknowledge from
DS90C2501. When DS90C2501 acknowledges (the 1st
ACK), that the master is calling, the master then sends the
data register address byte, and waits for acknowledge from
the slave. When the slave acknowledges (the 2nd ACK), the
master sends the data byte and wait for acknowledge from
the slave. When the slave acknowledges (the 3rd ACK), the
master generates a “ Stop ”. This completes the “ WRITE ”.
If the master doesn’t generate the “ Stop ”, the master can
keep sending data to location of the next register address
(Register Address + 1), and waits for acknowledge from the
slave. If the slave acknowledges, the master can send data
to the next register address (Register Address + 2). If the
slave doesn’t acknowledges, the master will have the control
of the bus and can generate a “ Stop ” to end the “ WRIT-
E”operation. During the process, if the master attempts to
send data to “ Read Only ” registers, the slave will not
acknowledge and return the bus control back to the master.
A complete programming guide is available for the
DS90C2501 to OEM customers. This can be obtained by
contacting
your
local
National
Semiconductor
sales
representative.
Host Control Register Descriptions
Register Name: VND_IDL
Address Offset: 00h
Default Value:
05h
Access Method: Read Only
20004530
FIGURE 12. Byte Read
20004531
FIGURE 13. Byte Write
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com