Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLB128B Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SLB128B
Description  Transmitter with built-in scaler for LVDS Display Interface (LDI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SLB128B Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button SLB128B Datasheet HTML 14Page - National Semiconductor (TI) SLB128B Datasheet HTML 15Page - National Semiconductor (TI) SLB128B Datasheet HTML 16Page - National Semiconductor (TI) SLB128B Datasheet HTML 17Page - National Semiconductor (TI) SLB128B Datasheet HTML 18Page - National Semiconductor (TI) SLB128B Datasheet HTML 19Page - National Semiconductor (TI) SLB128B Datasheet HTML 20Page - National Semiconductor (TI) SLB128B Datasheet HTML 21Page - National Semiconductor (TI) SLB128B Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
Host Control Register Descriptions (Continued)
Bit
Description
7:0
Vendor ID Low Byte
Register Name: VND_IDH
Address Offset: 01h
Default Value:
13h
Access Method: Read Only
Bit
Description
7:0
Vendor ID High Byte
Register Name: DEV_IDL
Address Offset: 02h
Default Value:
26h
Access Method: Read Only
Bit
Description
7:0
Device ID Low Byte
Register Name: DEV_IDH
Address Offset: 03h
Default Value:
67h
Access Method: R/W
Bit
Description
7:0
Device ID High Byte
Register Name: DEVICE REVISION
Address Offset: 04h
Default Value:
01h
Access Method: R/W
Bit
Description
7:0
Device Revision Value
Register Name: RESERVED
Address Offset: 05h
Default Value:
A5h
Access Method: Read Only
Bit
Description
7:0
Reserved
Register Name: FRQ_LOW
Address Offset: 06h
Default Value:
19h
Access Method: Read Only
Bit
Description
7:0
Minimum LVDS Output Frequency (25 MHz)
Register Name: FRQ_HIGH
Address Offset: 07h
Default Value:
See Description
Access Method: Read Only
Bit
Description
7:0
Maximum LVDS Output Frequency
If DUAL = GND or V
CC value is A2h (162 MHz)
If DUAL = 1⁄2V
CC value is 55h (85 MHz)
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com