Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLB128B Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SLB128B
Description  Transmitter with built-in scaler for LVDS Display Interface (LDI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SLB128B Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button SLB128B Datasheet HTML 37Page - National Semiconductor (TI) SLB128B Datasheet HTML 38Page - National Semiconductor (TI) SLB128B Datasheet HTML 39Page - National Semiconductor (TI) SLB128B Datasheet HTML 40Page - National Semiconductor (TI) SLB128B Datasheet HTML 41Page - National Semiconductor (TI) SLB128B Datasheet HTML 42Page - National Semiconductor (TI) SLB128B Datasheet HTML 43Page - National Semiconductor (TI) SLB128B Datasheet HTML 44Page - National Semiconductor (TI) SLB128B Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
Applications Information
How to configure the DS90C2501 with DS90C364 or
DS90CF364A or DS90CF366 for most common applica-
tion:
1. To configure for single pixel in to single pixel out applica-
tion
using
the
DS90C2501
with
DS90CF364
or
DS90CF364A or DS90CF366, the “DUAL” pin must be set to
Gnd (single). In this mode, outputs A0-to-A3 and CLK1 are
enabled, and outputs A4-to-A7 and CLK2 are disabled which
reduces power dissipation.
Features Description:
2. Programmable Primary Edge E1: The transmitter is
latching data on both the rising and falling edges of clock
signal coming in on CLKINP pin. The EDGE pin can be used
to program to select the rising edge of CLKINP as the
primary edge E1 or to have the falling edge of CLKINP as the
primary edge E1. However, the logic state of the EDGE pin
must agree with the GUI to generate the correct display.
TABLE 10. Connection for SISO Operation
From DS90C2501
To GMCH
RGB data signal connection
D0
DVOxDATA0
D1
DVOxDATA1
D2
DVOxDATA2
D3
DVOxDATA3
D4
DVOxDATA4
D5
DVOxDATA5
D6
DVOxDATA6
D7
DVOxDATA7
D8
DVOxDATA8
D9
DVOxDATA9
D10
DVOxDATA10
D11
DVOxDATA11
D12 to D23
GND
CLKINP
DVOxCLKOUT1
CLKINM
DVOxCLKOUT0
DE
DVOxBLANK
HSYNC
DVOxHSYNC
VSYNC
DVOxVYSNC
connection for other pins
DUAL
GND
EDGE
GND
BAL
GND
A0
Pull Up/Pull Down, Based on Device Address
A1
Pull Up/Pull Down, Based on Device Address
A2
Pull Up/Pull Down, Based on Device Address
ID0
Pull Up/Pull Down, Based on Panel ID
ID1
Pull Up/Pull Down, Based on Panel ID
ID2
Pull Up/Pull Down, Based on Panel ID
ID3
Pull Up/Pull Down, Based on Panel ID
RES1
GND
RES2
GND
RES3
GND
RES4
GND
TST1
GND
TST2
GND
TST3
GND
S2Cclk
I2CCLK
S2Cdat
I2CDATA
REFCLK
3V 14.31818MHz
COLOR
GND
www.national.com
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com