Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLB128B Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SLB128B
Description  Transmitter with built-in scaler for LVDS Display Interface (LDI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SLB128B Datasheet(HTML) 1 Page - National Semiconductor (TI)

  SLB128B Datasheet HTML 1Page - National Semiconductor (TI) SLB128B Datasheet HTML 2Page - National Semiconductor (TI) SLB128B Datasheet HTML 3Page - National Semiconductor (TI) SLB128B Datasheet HTML 4Page - National Semiconductor (TI) SLB128B Datasheet HTML 5Page - National Semiconductor (TI) SLB128B Datasheet HTML 6Page - National Semiconductor (TI) SLB128B Datasheet HTML 7Page - National Semiconductor (TI) SLB128B Datasheet HTML 8Page - National Semiconductor (TI) SLB128B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
DS90C2501
Transmitter with built-in scaler for LVDS Display
Interface (LDI)
General Description
The DS90C2501 is a highly integrated scaling IC with LVDS
transmitter with a scaled resolution up to SXGA+ for single
pixel input. The DS90C2501 is a video controller hub de-
signed to be compatible with Graphic Memory Controller
Hub (GMCH). The input interface can be single or dual DVO
port (12 pin per port). The high quality cubic zoom engine
scales the input graphics into the desired/optimal output
resolution up to 1400x1050 resolution. Advanced video digi-
tal signal processing provides gamma correction, and dith-
ering for the display output. A two-wire serial interface is
used to communicate with the host system. The dual high
speed LVDS channels supports single pixel in-single pixel
out, single pixel in-dual pixel out, and dual pixel in-dual pixel
out transmission modes. The DS90C2501 complies to Open
LDI standard, and can be paired up with DS90CF388 re-
ceiver or FPD8531x/FPD8731x series integrated timing con-
troller or FPDLink LVDS receivers such as DS90CF364/
DS90CF384A/DS90CF384/DS90CF384A. The LVDS output
is similar to DS90C387 and DS90C387R. Thus, this trans-
mitter can be paired up with DS90CF388, receiver of
112MHz LDI chipset or FPD-Link Receivers in non-DC Bal-
ance mode operation which provides GUI/LCD panel/mother
board vendors a wide choice of inter-operation with LVDS
based TFT panels.
This chip is an ideal solution to solve EMI and cable size
problems for high-resolution flat panel applications. It pro-
vides a reliable industry standard interface based on LVDS
technology that delivers the bandwidth needed for high-
resolution panels while maximizing bit times, and keeping
clock rates low to reduce EMI and shielding requirements.
For more details, please refer to the “Applications Informa-
tion” section of this datasheet.
Features
n
Complies with Open LDI and GMCH DVO specification
for digital display interfaces
n
25 to 65 MHz clock in single pixel in to single pixel out
operation.
n
50 to 130 MHz clock in single pixel in to dual pixel out
operation.
n
Support 24bit/48bit color TFT LCD with Conventional
and Non-Conventional Color Mappings.
n
Support 16bit/32bit color TFT LCD.
n
Single pixel transmitter inputs support single pixel GUI
interface.
n
Up scaling/panel fitting supports VGA to SXGA+ output
in single pixel input mode at 640x480@60Hz,
800x600@60Hz, 1024x768@60Hz, 1280x1024@60Hz,
1400x1050@60Hz.
n
Independent horizontal and vertical scaling.
n
Support dithering (available for 6-bit color only),
programmable smoothing and anti-aliasing filter.
n
Programmable digital sharpness, edge enhancement
and contrast control via gamma correction.
n
Allow 2% at 200KHz spread spectrum clocking, rejects
cycle-to-cycle jitter (+/− 20% of input data bit time).
n
Programmable LCD panel power sequencing.
n
Support low voltage swing signal level (1V to 1.8V),
2.5V and 3.3V LVTTL level on CLKINP, CLKINM, D0 to
D23, DE, HSYNC and VSYNC pins
n
Support 2.5V/3.3V LVTTL level on configuration pins
n
Support 3.3V LVTTL level on GPIO pins
n
Available in 10mm x 10mm x 1mm 128pin thermally
enhanced CSP package.
n
Two-wire serial communication interface is active during
normal as well as power down mode and support data
rates up to 400KHz.
n
TIA/EIA-644, Open LDI, DVO compliance.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DVO is a registered trademark of Intel Corporation.
AGP or 4x AGP is a registered trademark of Intel Corporation.
October 2003
© 2003 National Semiconductor Corporation
DS200045
www.national.com


Similar Part No. - SLB128B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLB12804 ETC2-SLB12804 Datasheet
577Kb / 9P
Miniature compact size.
SLB1280R5 ETC2-SLB1280R5 Datasheet
577Kb / 9P
Miniature compact size.
SLB12814 ETC2-SLB12814 Datasheet
577Kb / 9P
Miniature compact size.
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
Miniature Slide Switches
SLB1281R5 ETC2-SLB1281R5 Datasheet
577Kb / 9P
Miniature compact size.
More results

Similar Description - SLB128B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C387 NSC-DS90C387 Datasheet
526Kb / 26P
Dual Pixel LVDS Display Interface (LDI)-SVGA/QXGA
logo
List of Unclassifed Man...
NT7181 ETC-NT7181 Datasheet
360Kb / 15P
LVDS Transmitter 24 Bit Color Host-LCD Display Panel Interface
CS5826 ETC1-CS5826 Datasheet
80Kb / 1P
Dual Pixel LVDS Display Interface (LDI) Transmitter
logo
National Semiconductor ...
DS90C387 NSC-DS90C387_06 Datasheet
910Kb / 26P
Dual Pixel LVDS Display Interface (LDI)=SVGA/QXGA
logo
Silan Microelectronics ...
SC73P2602SH1 SILAN-SC73P2602SH1 Datasheet
998Kb / 28P
PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
logo
Texas Instruments
DS90C387 TI1-DS90C387_15 Datasheet
1Mb / 33P
Dual Pixel LVDS Display Interface (LDI)-SVGA/QXGA
logo
THine Electronics, Inc.
THC63LVDM83D-Z THINE-THC63LVDM83D-Z Datasheet
1Mb / 17P
24bit COLOR OPEN LDI(LVDS) TRANSMITTER
logo
Renesas Technology Corp
TW8836 RENESAS-TW8836 Datasheet
224Kb / 3P
LCD Video Processor with Built-In Decoder, TTL/LVDS Inputs, MCU, OSD, and TTL/LVDS Panel Interface
TW8844 RENESAS-TW8844 Datasheet
170Kb / 4P
LCD Video Processor with Built-In Decoder, LVDS and TTL Inputs, OSD, TCON, LVDS, and MIPI Interface
logo
Chrontel, Inc.
CH7038B CHRONTEL-CH7038B Datasheet
682Kb / 23P
Chrontel CH7038B Multi-Standard Display Interface Converter with Scaler
Rev 1.4 2022-11-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com