Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLB128B Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SLB128B
Description  Transmitter with built-in scaler for LVDS Display Interface (LDI)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SLB128B Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button SLB128B Datasheet HTML 10Page - National Semiconductor (TI) SLB128B Datasheet HTML 11Page - National Semiconductor (TI) SLB128B Datasheet HTML 12Page - National Semiconductor (TI) SLB128B Datasheet HTML 13Page - National Semiconductor (TI) SLB128B Datasheet HTML 14Page - National Semiconductor (TI) SLB128B Datasheet HTML 15Page - National Semiconductor (TI) SLB128B Datasheet HTML 16Page - National Semiconductor (TI) SLB128B Datasheet HTML 17Page - National Semiconductor (TI) SLB128B Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
DS90C2501 Pin Description (Continued)
Pin Name
Pin No.
I/O Type
Description
OPTION SELECTION
A4M, A5M,
A6M, A7M
46, 44,
42, 40
O-LVDS
Negative LVDS differential data output for second pixel.
When DUAL pin = GND, input to D0–D11 will be coming out of A0M to A3M.
For 6-bit color application, no connect for channel A3M.
When DUAL pin = 1⁄2V
CC, the first pixel going in D0–D11 will be coming out
of A0M to A3M, and the second pixel going in D0–D11 will come out of A4M
to A7M. For 6-bit color application, no connect for channels A3M and A7M.
When DUAL pin = V
CC, the first pixel going in D0–D11 will be coming out of
A0M to A3M, the second pixel going in D12–D23 will be coming out of A4M
to A7M. For 6-bit color application, no connect for channels A3M and A7M.
CLK1P
49
O-LVDS
Positive LVDS differential clock output.
CLK1M
50
O-LVDS
Negative LVDS differential clock output.
CLK2P
37
O-LVDS
Additional positive LVDS differential clock output pin. Identical to CLK1P. No
connect if not used.
CLK2M
38
O-LVDS
Additional negative LVDS differential clock output pin. Identical to CLK1M. No
connect if not used.
ID0, ID1, ID2,
ID3
57, 58,
59, 60
I-LVTTL 2.5
These four pins are used to select one out of 16 pre-determined LCD display
timing information. The values are from 0 to 15. This function requires support
from VBIOS or display driver. Tie these pins to GND when not in use. Tie
these four pins [ID3, ID2, ID1, ID0] to High or Low for selecting LCD panel.
ID0 is the LSB, and ID3 is the MSB. For example: 1000 will select the 9th
LCD panel.
A 4-bit register field [3:0] will be used to store the selected value for the host
to read. See PANEL field for more information.
ENAVDD
69
O-LVTTL 2.5
Output to control LCD panel power under software control. Typically, this
output is used with a power switch such as a FET circuit to control LCD panel
V
CC (Note 11).
ENABKL
68
O-LVTTL 2.5
Output to control LCD panel back light power under software control.
Typically, this output is used to control the enable on a backlight inverter
(Note 11).
MISCELLANEOUS/TEST
GPIO1,
GPIO2,
GPIO3
64, 63, 62
I/O-LVTTL 3V
General purpose inputs or outputs referenced to GND.
When the device is powered up, this pin defaults to an input.
When the scaler is in the power down state these signals are tri-state if
programmed as outputs (Note 11).
CLK_INV
114
I-LVTTL 2.5
This pin is used to invert the polarity of the incoming pixel CLK
(CLKINP/CLKINM). A logic 0 = Normal, Logic 1 = Invert.
RES2
70
I-LVTTL 2.5
This pin is used in production testing and should be tied to GND in normal
operation.
RES3
113
I-LVTTL 2.5
This pin is used in production testing and should be tied to GND in normal
operation.
RES4
100
I-LVTTL 2.5
This pin is used in production testing and should be tied to GND in normal
operation.
PWM
67
O-LVTTL 3V
This signal was provided for legacy support and is no longer required. This
pin should be left open in normal operation.
VSTALL
66
O-LVTTL 3V
This signal was provided for legacy support and is no longer required. This
pin should be left open in normal operation.
HIRQ
65
O-LVTTL 3V
This signal was provided for legacy support and is no longer required. This
pin should be left open in normal operation.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com