Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR1T6 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STR712FR1T6
Description  ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR1T6 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STR712FR1T6 Datasheet HTML 11Page - STMicroelectronics STR712FR1T6 Datasheet HTML 12Page - STMicroelectronics STR712FR1T6 Datasheet HTML 13Page - STMicroelectronics STR712FR1T6 Datasheet HTML 14Page - STMicroelectronics STR712FR1T6 Datasheet HTML 15Page - STMicroelectronics STR712FR1T6 Datasheet HTML 16Page - STMicroelectronics STR712FR1T6 Datasheet HTML 17Page - STMicroelectronics STR712FR1T6 Datasheet HTML 18Page - STMicroelectronics STR712FR1T6 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
STR71xF - INTRODUCTION
15/49
88 G12 P1.11/CANRX
I/O pu
CT X4mA X
X
Port
1.11
CAN: receive data input
Note: On STR710 and STR712 only
89
H8
P1.12/CANTX
I/O pu
CT X4mA X
X
Port
1.12
CAN: Transmit data output
Note: On STR710 and STR712 only
90 G11 USBDP
I/O
CT
USB bidirectional data (data +). Reset state = HiZ
Note: On STR710 and STR711 only
This pin requires an external pull-up to V33 to maintain
a high level.
91 G10 USBDN
I/O
CT
USB bidirectional data (data -). Reset state = HiZ
Note: On STR710 and STR711 only.
92
G9
D.10
I/O
8mA
External Memory Interface: data bus
93
G8
D.11
I/O
8mA
94
G7
D.12
I/O
8mA
95 F11 D.13
I/O
8mA
96 F10 D.14
I/O
8mA
97
F9
D.15
I/O
8mA
98
F8
A.0
O
8mA
External Memory Interface: address bus
99 E12 A.1
O
8mA
100 E11 A.2
O
8mA
101 C12 A.3
O
8mA
102 B12 A.4
O
8mA
103 E10 VSS
S
Ground voltage for digital I/O circuitry
104 E9
V33
S
Supply voltage for digital I/O circuitry
105 D12 P1.9
I/O pd
CT
4mA X
X
Port 1.9
106 D11
P1.10/USB-
CLK
I/O pu C/T
4mA X
X
Port
1.10
USB: 48 MHZ
clock input
107 D10
P1.13/HCLK/
I0.SCL
I/O pu
CT X4mA X
X
Port
1.13
HDLC: reference
clock input
I2C clock
108 C11
P1.14/HRXD/
I0.SDA
I/O pu
CT X4mA X
X
Port
1.14
HDLC: Receive
data input
I2C serial data
109 B11 N.C.
Not connected (not bonded)
110 B10 N.C.
Not connected (not bonded)
111 C10 P1.15/HTXD
I/O pu
CT X4mA X
X
Port
1.15
HDLC: Transmit data output
112 A9
VSS
S
Ground voltage for digital I/O circuitry
113 B9
V33
S
Supply voltage for digital I/O circuitry
Table 3. STR710 Pin Description
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com