Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR1T6 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STR712FR1T6
Description  ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR1T6 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STR712FR1T6 Datasheet HTML 12Page - STMicroelectronics STR712FR1T6 Datasheet HTML 13Page - STMicroelectronics STR712FR1T6 Datasheet HTML 14Page - STMicroelectronics STR712FR1T6 Datasheet HTML 15Page - STMicroelectronics STR712FR1T6 Datasheet HTML 16Page - STMicroelectronics STR712FR1T6 Datasheet HTML 17Page - STMicroelectronics STR712FR1T6 Datasheet HTML 18Page - STMicroelectronics STR712FR1T6 Datasheet HTML 19Page - STMicroelectronics STR712FR1T6 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
STR71xF - INTRODUCTION
16/49
114 C9
A.5
O
8mA
External Memory Interface: address bus
115 D9
A.6
O
8mA
116 A11 A.7
O
8mA
117 A10 A.8
O
8mA
118 A8
A.9
O
8mA
119 B8
A.10
O
8mA
120 C8
A.11
O
8mA
121 A12 A.12
O
8mA
122 D8
A.13
O
8mA
123 E8
P0.0/S0.MISO/
U3.TX
I/O pu
CT
4mA X
X
Port 0.0
SPI0 Master in/
Slave out data
UART3 Transmit data
output
Note: Programming AF function selects
UART by default. BSPI must be enabled by
SPI_EN bit in the BOOTCR register.
124 B7
P0.1/S0.MOSI/
U3.RX
I/O pu
CT X4mA X
X
Port 0.1
BSPI0: Master
out/Slave in data
UART3: Receive Data in-
put
Note: Programming AF function selects
UART by default. BSPI must be enabled by
SPI_EN bit in the BOOTCR register.
125 A7
P0.2/
S0.SCLK/
I1.SCL
I/O pu
CT X4mA X
X
Port 0.2
BSPI0: Serial
Clock
I2C1: Serial clock
Note: Programming AF function selects I2C
by default. BSPI must be enabled by SPI_EN
bit in the BOOTCR register.
126 A6
P0.3/S0.SS/
I1.SDA
I/O pu
CT
4mA X
X
Port 0.3
SPI0: Slave Se-
lect input active
low.
I2C1: Serial Data
Note: Programming AF function selects I2C
by default. BSPI must be enabled by SPI_EN
bit in the BOOTCR register.
127 C7
P0.4/S1.MISO
I/O pu
CT
4mA X
X
Port 0.4
SPI1: Master in/Slave out data
128 D7
VSS18
S
Stabilisation for main voltage regulator.
129 E7
V18
S
Stabilisation for main voltage regulator. Requires exter-
nal capacitors of at least 10µF + 33nF between V18 and
VSS18. See Figure 5.
130 F7
A.14
O
8mA
External Memory Interface: address bus
131 B6
A.15
O
8mA
132 C6
A.16
O
8mA
133 D6
A.17
O
8mA
134 E6
A.18
O
8mA
135 A5
A.19
O
8mA
Table 3. STR710 Pin Description
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com