Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR1T6 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STR712FR1T6
Description  ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR1T6 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STR712FR1T6 Datasheet HTML 13Page - STMicroelectronics STR712FR1T6 Datasheet HTML 14Page - STMicroelectronics STR712FR1T6 Datasheet HTML 15Page - STMicroelectronics STR712FR1T6 Datasheet HTML 16Page - STMicroelectronics STR712FR1T6 Datasheet HTML 17Page - STMicroelectronics STR712FR1T6 Datasheet HTML 18Page - STMicroelectronics STR712FR1T6 Datasheet HTML 19Page - STMicroelectronics STR712FR1T6 Datasheet HTML 20Page - STMicroelectronics STR712FR1T6 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
STR71xF - INTRODUCTION
17/49
1. The Reset configuration of the I/O Ports is IPUPD (input pull-up/pull down). Refer to
Table 7, “Port Bit Configuration Table,” on page 26. The Port bit configuration at reset is
PC0=1, PC1=1, PC2=0. The port data register bit (PD) value depends on the pu/pd column
which specifies whether the pull-up or pull-down is enabled at reset
2. In reset state, these pins configured as Input PU/PD with weak pull-up enabled. They must
be configured by software as Alternate Function (see Table 7, “Port Bit Configuration Table,”
on page 26) to be used by the External Memory Interface.
3. In reset state, these pins configured as Input PU/PD with weak pull-down enabled to output
Address 0x0000 0000 using the External Memory Interface. To access memory banks greater
than 1Mbyte, they need to be configured by software as Alternate Function (see Table 7, “Port
Bit Configuration Table,” on page 26).
136 B5
WE.1
O
8mA
External Memory Interface: active low MSB write ena-
ble output
137 C5
WE.0
O
8mA
External Memory Interface: active low LSB write enable
output
138 A3
V33
S
Supply voltage for digital I/Os
139 A2
VSS
S
Ground voltage for digital I/Os
140 D5
P0.5/S1.MOSI
I/O pu
CT
4mA X
X
Port 0.5
SPI1: Master out/Slave In data
141 A4
P0.6/S1.SCLK
I/O pu
CT X 4mA X
X
Port 0.6
SPI1: Serial Clock
142 B4
P0.7/S1.SS
I/O pu
CT
4mA X
X
Port 0.7
SPI1: Slave Select input active low
143 C4
P0.8/U0.RX/
U0.TX
I/O pd CT X4mA T
Port 0.8
UART0: Receive
Data input
UART0: Transmit data
output.
Note: This pin may be used for single wire UART (half
duplex) if programmed as Alternate Function Output.
The pin will be tri-stated except when UART transmis-
sion is in progress
144 B3
P0.9/U0.TX/
BOOT.0
I/O pd CT
4mA X
X
Port 0.9
Select Boot Con-
figuration input
UART0: Transmit data
output
Table 3. STR710 Pin Description
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com