Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR1T6 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STR712FR1T6
Description  ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR1T6 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STR712FR1T6 Datasheet HTML 20Page - STMicroelectronics STR712FR1T6 Datasheet HTML 21Page - STMicroelectronics STR712FR1T6 Datasheet HTML 22Page - STMicroelectronics STR712FR1T6 Datasheet HTML 23Page - STMicroelectronics STR712FR1T6 Datasheet HTML 24Page - STMicroelectronics STR712FR1T6 Datasheet HTML 25Page - STMicroelectronics STR712FR1T6 Datasheet HTML 26Page - STMicroelectronics STR712FR1T6 Datasheet HTML 27Page - STMicroelectronics STR712FR1T6 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
STR71xF - INTRODUCTION
24/49
1. The Reset configuration of the I/O Ports is IPUPD (input pull-up/pull down). Refer to
Table 7, “Port Bit Configuration Table,” on page 26. The Port bit configuration at reset is
PC0=1, PC1=1, PC2=0. The port data register bit (PD) value depends on the pu/pd column
which specifies whether the pull-up or pull-down is enabled at reset
2. In reset state, these pins configured as Input PU/PD with weak pull-up enabled. They must
be configured by software as Alternate Function (see Table 7, “Port Bit Configuration Table,”
on page 26) to be used by the External Memory Interface.
53
B6
P0.1/S0.MOSI/
U3.RX
I/O pu
CT X4mA X
X
Port 0.1
BSPI0: Master
out/Slave in data
UART3: Receive Data in-
put
Note: Programming AF function selects
UART by default. BSPI must be enabled by
SPI_EN bit in the BOOTCR register.
54
A5
P0.2/
S0.SCLK/
I1.SCL
I/O pu
CT X4mA X
X
Port 0.2
BSPI0: Serial
Clock
I2C1: Serial clock
Note: Programming AF function selects I2C
by default. BSPI must be enabled by SPI_EN
bit in the BOOTCR register.
55
C6
P0.3/S0.SS/
I1.SDA
I/O pu
CT
4mA X
X
Port 0.3
SPI0: Slave Se-
lect input active
low.
I2C1: Serial Data
Note: Programming AF function selects I2C
by default. BSPI must be enabled by SPI_EN
bit in the BOOTCR register.
56
B5
P0.4/S1.MISO
I/O pu
CT
4mA X
X
Port 0.4
SPI1: Master in/Slave out data
57
A4
VSS18
S
Stabilisation for main voltage regulator.
58
C5
V18
S
Stabilisation for main voltage regulator. Requires exter-
nal capacitors of at least 10µF + 33nF between V18 and
VSS18. See Figure 5.
59
B4
VSS
S
Ground voltage for digital I/Os
60
A3
P0.5/S1.MOSI
I/O pu
CT
4mA X
X
Port 0.5
SPI1: Master out/Slave In data
61
D5
P0.6/S1.SCLK
I/O pu
CT X 4mA X
X
Port 0.6
SPI1: Serial Clock
62
B3
P0.7/S1.SS
I/O pu
CT
4mA X
X
Port 0.7
SPI1: Slave Select input active low
63
C4
P0.8/U0.RX/
U0.TX
I/O pd CT X4mA T
Port 0.8
UART0: Receive
Data input
UART0: Transmit data
output.
Note: This pin may be used for single wire UART (half
duplex) if programmed as Alternate Function Output.
The pin will be tri-stated except when UART transmis-
sion is in progress
64
A2
P0.9/U0.TX/
BOOT.0
I/O pd CT
4mA X
X
Port 0.9
Select Boot Con-
figuration input
UART0: Transmit data
output
Table 6. STR711/STR712/STR715 Pin Description
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com