Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR1T6 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STR712FR1T6
Description  ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR1T6 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STR712FR1T6 Datasheet HTML 31Page - STMicroelectronics STR712FR1T6 Datasheet HTML 32Page - STMicroelectronics STR712FR1T6 Datasheet HTML 33Page - STMicroelectronics STR712FR1T6 Datasheet HTML 34Page - STMicroelectronics STR712FR1T6 Datasheet HTML 35Page - STMicroelectronics STR712FR1T6 Datasheet HTML 36Page - STMicroelectronics STR712FR1T6 Datasheet HTML 37Page - STMicroelectronics STR712FR1T6 Datasheet HTML 38Page - STMicroelectronics STR712FR1T6 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
STR71xF - ELECTRICAL CHARACTERISTICS
35/49
2.7 Oscillator Electrical Characteristics
V33 = 3.3 ± 10%, TA = -40 / 85 °C unless otherwise specified.
Figure 9. Crystal Oscillator and Resonator
Table 16. Oscillator Electrical Characteristics
2.8 PLL Electrical Characteristics
V33 = 3.3 ± 10%, V33IOPLL = 3.3 ± 10%, TA = -40 / 85 °C unless otherwise specified.
Table 17. PLL1 Electrical Characteristics
Symbol
Parameter
Test Conditions
Value
Unit
Min
Typ
Max
gm
Oscillator Transconductance
8
µA/V
tSTUP
Oscillator Start-up Time
Stable V33
2.5
s
Symbol
Parameter
Test Conditions
Value
Unit
Min
Typ
Max
fPLLCLK1 PLL output clock
fPLL1x 24
165
MHz
fPLL1
PLL input clock
FREF_RANGE = 0
1.5
3.0
MHz
FREF_RANGE = 1
MX[1:0]=’00’ or ‘01’
3.0
8.25
MHz
FREF_RANGE = 1
MX[1:0]=’10’ or ‘11’
3.0
6
MHz
PLL input clock duty cycle
25
75
%
CL
CL
RS
DEVICE
DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com