Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR1T6 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STR712FR1T6
Description  ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR1T6 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STR712FR1T6 Datasheet HTML 30Page - STMicroelectronics STR712FR1T6 Datasheet HTML 31Page - STMicroelectronics STR712FR1T6 Datasheet HTML 32Page - STMicroelectronics STR712FR1T6 Datasheet HTML 33Page - STMicroelectronics STR712FR1T6 Datasheet HTML 34Page - STMicroelectronics STR712FR1T6 Datasheet HTML 35Page - STMicroelectronics STR712FR1T6 Datasheet HTML 36Page - STMicroelectronics STR712FR1T6 Datasheet HTML 37Page - STMicroelectronics STR712FR1T6 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
STR71xF - ELECTRICAL CHARACTERISTICS
34/49
V33 = 3.3V ± 10%, TA = -40 / 85 °C unless otherwise specified.
2.6 nRSTIN Input Filter Characteristics
V33 = 3.3V ± 10%, TA = -40 / 85 °C unless otherwise specified.
Table 15. nRSTIN input Filter Characteristics
Table 14. AC Electrical Characteristics
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
fMCLK
CPU Frequency
Executing from RAM or
external memory
66
MHz
Executing from Flash
50
Executing from Flash with RWW
45
Burst Mode disabled (FLASHLP bit =1)
33
fPCLK
Peripheral Clock for APB
33
fCK
Clock input pin
16
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
tFR
nRSTIN Input Filtered Pulse
500
ns
tNFR
nRSTIN Input Not Filtered Pulse
1.2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com