Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR1T6 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STR712FR1T6
Description  ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR1T6 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STR712FR1T6 Datasheet HTML 18Page - STMicroelectronics STR712FR1T6 Datasheet HTML 19Page - STMicroelectronics STR712FR1T6 Datasheet HTML 20Page - STMicroelectronics STR712FR1T6 Datasheet HTML 21Page - STMicroelectronics STR712FR1T6 Datasheet HTML 22Page - STMicroelectronics STR712FR1T6 Datasheet HTML 23Page - STMicroelectronics STR712FR1T6 Datasheet HTML 24Page - STMicroelectronics STR712FR1T6 Datasheet HTML 25Page - STMicroelectronics STR712FR1T6 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
STR71xF - INTRODUCTION
22/49
16
G1 TEST
Reserved, must be forced to ground.
17
H1
V33IO-PLL
S
Supply voltage for digital I/O circuitry and for PLL refer-
ence
18
H2
VSSIO-PLL
S
Ground voltage for digital I/O circuitry and for PLL ref-
erence
19
H3
CK
I
C
Reference clock input
20
G2
P0.15/WAKE-
UP
Ipu TT X4mA
X
Port
0.15
Wakeup from Standby mode input.
21
G3 RTCXTI
Realtime Clock input and input of 32 kHz oscillator am-
plifier circuit
22
H4
RTCXTO
Output of 32 kHz oscillator amplifier circuit
23
F3
STDBY
I/O
CT
4mA X
X
Input: Hardware Standby mode entry input active low.
Caution: External pull-up to V33 required to select nor-
mal mode.
Output: Standby mode active low output following Soft-
ware Standby mode entry.
Note: In Standby mode all pins are in high impedance
except those marked Active in Stdby
24
G4 RSTIN
ICT
X Reset input
25
H5
VSSBKP
S
X Stabilisation for low power voltage regulator.
26
F4
V18BKP
SX
Stabilisation for low power voltage regulator. Requires
external capacitors of at least 1µF between V18BKP and
VSS18BKP. See Figure 5.
Note: If the low power voltage regulator is bypassed,
this pin can be connected to an external 1.8V supply.
27
G5 V18
S
Stabilisation for main voltage regulator. Requires exter-
nal capacitors of at least 10µF + 33nF between V18 and
VSS18. See Figure 5.
28
H6
VSS18
S
Stabilisation for main voltage regulator.
29
E4
VDDA
S
Supply voltage for A/D Converter
30
G6 VSSA
S
Ground voltage for A/D Converter
31
F5
P1.0/T3.OC-
MPB/AIN.0
I/O pu
CT
4mA X
X
Port 1.0
Timer 3: Output
Compare B
ADC: Analog input 0
32
H7
P1.1/T3.ICA-
PA/T3.EXT-
CLK/AIN.1
I/O pu
CT
4mA X
X
Port 1.1
Timer 3: Input
Capture A or Ex-
ternal Clock input
ADC: Analog input 1
33
H8
P1.2/T3.OCM-
PA/AIN.2
I/O pu
CT
4mA X
X
Port 1.2
Timer 3: Output
Compare A
ADC: Analog input 2
34
G8
P1.3/
T3.ICAPB/
AIN.3
I/O pu
CT
4mA X
X
Port 1.3
Timer 3: Input
Capture B
ADC: Analog input 3
Table 6. STR711/STR712/STR715 Pin Description
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com