Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR1T6 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STR712FR1T6
Description  ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR1T6 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STR712FR1T6 Datasheet HTML 41Page - STMicroelectronics STR712FR1T6 Datasheet HTML 42Page - STMicroelectronics STR712FR1T6 Datasheet HTML 43Page - STMicroelectronics STR712FR1T6 Datasheet HTML 44Page - STMicroelectronics STR712FR1T6 Datasheet HTML 45Page - STMicroelectronics STR712FR1T6 Datasheet HTML 46Page - STMicroelectronics STR712FR1T6 Datasheet HTML 47Page - STMicroelectronics STR712FR1T6 Datasheet HTML 48Page - STMicroelectronics STR712FR1T6 Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
STR71xF - PACKAGE CHARACTERISTICS
45/49
Figure 20. 64-Low Profile Fine Pitch Ball Grid Array Package
Figure 21. 144-Low Profile Fine Pitch Ball Grid Array Package
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
1.210
1.700 0.048
0.067
A1
0.270
0.011
A2
1.120
0.044
b
0.450 0.500 0.550 0.018 0.020 0.022
D
7.750 8.000 8.150 0.305 0.315 0.321
D1
5.600
0.220
E
7.750 8.000 8.150 0.305 0.315 0.321
E1
5.600
0.220
e
0.720 0.800 0.880 0.028 0.031 0.035
f
1.050 1.200 1.350 0.041 0.047 0.053
ddd
0.120
0.005
Number of Pins
N
64
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
1.21
1.70 0.048
0.067
A1
0.21
0.008
A2
1.12
0.044
b
0.35
0.40
0.45 0.014 0.016 0.018
D
9.85 10.00 10.15 0.388 0.394 0.400
D1
8.80
0.346
E
9.85 10.00 10.15 0.388 0.394 0.400
E1
8.80
0.346
e
0.80
0.031
F
0.60
0.024
ddd
0.10
0.004
eee
0.15
0.006
fff
0.08
0.003
Number of Pins
N
144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com