Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR1T6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STR712FR1T6
Description  ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR1T6 Datasheet(HTML) 5 Page - STMicroelectronics

  STR712FR1T6 Datasheet HTML 1Page - STMicroelectronics STR712FR1T6 Datasheet HTML 2Page - STMicroelectronics STR712FR1T6 Datasheet HTML 3Page - STMicroelectronics STR712FR1T6 Datasheet HTML 4Page - STMicroelectronics STR712FR1T6 Datasheet HTML 5Page - STMicroelectronics STR712FR1T6 Datasheet HTML 6Page - STMicroelectronics STR712FR1T6 Datasheet HTML 7Page - STMicroelectronics STR712FR1T6 Datasheet HTML 8Page - STMicroelectronics STR712FR1T6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
STR71xF - INTRODUCTION
5/49
Standard Timers
Each of the four timers have a 16-bit free-running counter with 7-bit prescaler, up to two input
capture/output compare functions, a pulse counter function, and a PWM channel with
selectable frequency.
Realtime Clock (RTC)
The RTC provides a set of continuously running counters driven by a low power 32kHz
internal oscillator. The RTC can be used as a general timebase or clock/calendar/alarm
function. When the STR71xF is in Standby mode the RTC can be kept running, powered by
the low power voltage regulator and driven by the 32kHz internal oscillator.
UARTs
The 4 UARTs allow full duplex, asynchronous, communications with external devices with
independently programmable TX and RX baud rates up to 625 kb/s.
Smart Card Interface
UART1 is configurable to function either as a general purpose UART or as an asynchronous
Smart Card interface as defined by ISO 7816-3. It includes Smart Card clock generation and
provides support features for synchronous cards.
Buffered Serial Peripheral Interfaces (BSPI)
Each of the two SPIs allow full duplex, synchronous communications with external devices,
master or slave communication at up to 5.5Mb/s in Master mode and 4 Mb/s in Slave mode.
I2C Interfaces
The two I2C Interfaces provide multi-master and slave functions, support normal and fast I2C
mode (400 kHz) and 7 or 10-bit addressing modes.
One I2C Interface is multiplexed with one SPI, so either 2xSPI+1x I2C or 1xSPI+2x I2C may be
used at a time.
HDLC interface
The High Level Data Link Controller (HDLC) unit supports full duplex operation and NRZ,
NRZI, FM0 or MANCHESTER protocols. It has an internal 8-bit baud rate generator.
A/D Converter
The Analog to Digital Converter, converts in single channel or up to 4 channels in single-shot
or continuous conversion modes. Resolution is 12-bit with a sample rate of 0.5 kHz (1 kHz in
single channel mode). The input voltage range is 0-2.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com