Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR1T6 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STR712FR1T6
Description  ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR1T6 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STR712FR1T6 Datasheet HTML 19Page - STMicroelectronics STR712FR1T6 Datasheet HTML 20Page - STMicroelectronics STR712FR1T6 Datasheet HTML 21Page - STMicroelectronics STR712FR1T6 Datasheet HTML 22Page - STMicroelectronics STR712FR1T6 Datasheet HTML 23Page - STMicroelectronics STR712FR1T6 Datasheet HTML 24Page - STMicroelectronics STR712FR1T6 Datasheet HTML 25Page - STMicroelectronics STR712FR1T6 Datasheet HTML 26Page - STMicroelectronics STR712FR1T6 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
STR71xF - INTRODUCTION
23/49
35
F8
P1.4/T1.ICA-
PA/T1.EXT-
CLK
I/O pu
CT
4mA X
X
Port 1.4
Timer 1: Input
Capture A
Timer 1: External Clock
input
36
G7
P1.5/
T1.ICAPB
I/O pu
CT
4mA X
X
Port 1.5
Timer 1: Input
Capture B
37
F7
P1.6/T1.OC-
MPB
I/O pu
CT
4mA X
X
Port 1.6
Timer 1: Output
Compare B
38
E8
V33IO-PLL
S
Supply voltage for digital I/O circuitry and for PLL refer-
ence
39
F6
VSSIO-PLL
S
Ground voltage for digital I/O circuitry and for PLL ref-
erence
40
E7
P1.7/T1.OCM-
PA
I/O pu
CT
4mA X
X
Port 1.7
Timer 1: Output
Compare A
41
D8
P1.8
I/O pd
CT
4mA X
X
Port 1.8
42
E6
P1.11/CANRX
I/O pu
CT X4mA X
X
Port
1.11
CAN: receive data input
Note: On STR710 and STR712 only
43
D7
P1.12/CANTX
I/O pu
CT X4mA X
X
Port
1.12
CAN: Transmit data output
Note: On STR710 and STR712 only
42
E6
USBDP
I/O
CT
USB bidirectional data (data +). Reset state = HiZ
Note: On STR710 and STR711 only
This pin requires an external pull-up to V33 to maintain
a high level.
43
D7
USBDN
I/O
CT
USB bidirectional data (data -). Reset state = HiZ
Note: On STR710 and STR711 only.
44
C8
VSS
S
Ground voltage for digital I/O circuitry
45
E5
P1.9
I/O pd
CT
4mA X
X
Port 1.9
46
C7
P1.10/USB-
CLK
I/O pu C/T
4mA X
X
Port
1.10
USB: 48 MHZ
clock input
47
D6
P1.13/HCLK/
I0.SCL
I/O pu
CT X4mA X
X
Port
1.13
HDLC: reference
clock input
I2C clock
48
B8
P1.14/HRXD/
I0.SDA
I/O pu
CT X4mA X
X
Port
1.14
HDLC: Receive
data input
I2C serial data
49
A8
P1.15/HTXD
I/O pu
CT X4mA X
X
Port
1.15
HDLC: Transmit data output
50
A7
VSS
S
Ground voltage for digital I/O circuitry
51
A6
V33
S
Supply voltage for digital I/O circuitry
52
B7
P0.0/S0.MISO/
U3.TX
I/O pu
CT
4mA X
X
Port 0.0
SPI0 Master in/
Slave out data
UART3 Transmit data
output
Note: Programming AF function selects
UART by default. BSPI must be enabled by
SPI_EN bit in the BOOTCR register.
Table 6. STR711/STR712/STR715 Pin Description
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com