Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC563M64L7 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SPC563M64L7
Description  Calibration external bus interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64L7 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SPC563M64L7 Datasheet HTML 6Page - STMicroelectronics SPC563M64L7 Datasheet HTML 7Page - STMicroelectronics SPC563M64L7 Datasheet HTML 8Page - STMicroelectronics SPC563M64L7 Datasheet HTML 9Page - STMicroelectronics SPC563M64L7 Datasheet HTML 10Page - STMicroelectronics SPC563M64L7 Datasheet HTML 11Page - STMicroelectronics SPC563M64L7 Datasheet HTML 12Page - STMicroelectronics SPC563M64L7 Datasheet HTML 13Page - STMicroelectronics SPC563M64L7 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Device overview
SPC563Mxx
10/48
Doc ID 13850 Rev 6
3.2
Feature list
●
Operating parameters
–
Fully static operation, 0 MHz – 80 MHz (plus 2% frequency modulation - 82 MHz)
–
–40
°C to 150 °C junction temperature operating range
–
Low power design
Less than 400 mW power dissipation (nominal)
Designed for dynamic power management of core and peripherals
Software controlled clock gating of peripherals
Low power stop mode, with all clocks stopped
–
Fabricated in 90 nm process
–
1.2 V internal logic
–
Single power supply with 5.0 V
−10% / +5% (4.5 V to 5.25 V) with internal
regulator to provide 3.3 V and 1.2 V for the core
–
Input and output pins with 5.0 V
−10% / +5% (4.5 V to 5.25 V) range
35%/65% VDDE CMOS switch levels (with hysteresis)
Selectable hysteresis
Selectable slew rate control
–
Nexus pins powered by 3.3 V supply
–
Designed with EMI reduction techniques
Phase-locked loop
Frequency modulation of system clock frequency
On-chip bypass capacitance
Selectable slew rate and drive strength
●
High performance e200z335 core processor
–
32-bit Power Architecture Book E programmer’s model
–
Variable Length Encoding Enhancements
Allows Power Architecture instruction set to be optionally encoded in a mixed 16
and 32-bit instructions
Results in smaller code size
–
Single issue, 32-bit Power Architecture technology compliant CPU
–
In-order execution and retirement
–
Precise exception handling
–
Branch processing unit
Dedicated branch address calculation adder
Branch acceleration using Branch Lookahead Instruction Buffer
–
Load/store unit
One-cycle load latency
Fully pipelined
Big and Little Endian support
Misaligned access support
Zero load-to-use pipeline bubbles
–
Thirty-two 64-bit general purpose registers (GPRs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com