Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC563M64L7 Datasheet(PDF) 47 Page - STMicroelectronics

Part # SPC563M64L7
Description  Calibration external bus interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64L7 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button SPC563M64L7 Datasheet HTML 40Page - STMicroelectronics SPC563M64L7 Datasheet HTML 41Page - STMicroelectronics SPC563M64L7 Datasheet HTML 42Page - STMicroelectronics SPC563M64L7 Datasheet HTML 43Page - STMicroelectronics SPC563M64L7 Datasheet HTML 44Page - STMicroelectronics SPC563M64L7 Datasheet HTML 45Page - STMicroelectronics SPC563M64L7 Datasheet HTML 46Page - STMicroelectronics SPC563M64L7 Datasheet HTML 47Page - STMicroelectronics SPC563M64L7 Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
SPC563Mxx
Revision history
Doc ID 13850 Rev 6
47/48
08-Jun-2011
5
Made the following changes in the DSPI section:
Changed “bus downlink” to “channel downstream”, “Microsecond bus” to
“Microsecond channel”, “SIN” to “LVDS pads are for outputs only”, “1 to
16” to “4”, “bus standard” to “channel upstream”, and “17-pin Full Port
interface in calibration tool calibration package” to “17-pin Full Port
interface in calibration package used on calibration tool boards”.
Updated the Order codes table summary table and figures.
Changed the “Processor core” information of the SPC563M54P device
to: “32-bit e200z335 with SPE and FPU support”.
Added the following to the “Available only in the calibration package”
sentence in the Features section (496 CSP package).
17-Sep-2013
6
Updated Disclaimer
Table 4.
Revision history
Date
Revision
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com