Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC563M64L7 Datasheet(PDF) 44 Page - STMicroelectronics

Part # SPC563M64L7
Description  Calibration external bus interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64L7 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button SPC563M64L7 Datasheet HTML 40Page - STMicroelectronics SPC563M64L7 Datasheet HTML 41Page - STMicroelectronics SPC563M64L7 Datasheet HTML 42Page - STMicroelectronics SPC563M64L7 Datasheet HTML 43Page - STMicroelectronics SPC563M64L7 Datasheet HTML 44Page - STMicroelectronics SPC563M64L7 Datasheet HTML 45Page - STMicroelectronics SPC563M64L7 Datasheet HTML 46Page - STMicroelectronics SPC563M64L7 Datasheet HTML 47Page - STMicroelectronics SPC563M64L7 Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
Revision history
SPC563Mxx
44/48
Doc ID 13850 Rev 6
5
Revision history
Table 4.
Revision history
Date
Revision
Description
30-Aug-2007
1
Initial release.
7-Nov-2007
2
Removed:
– - Section 5: LQFP144 pinout diagram including Figure 2: LQFP144
pinout
– - Section 6: LQFP144 pin description including Table 3: LQFP144 pin
description
– - Section 7: LFBGA208 ballout diagram including Figure 3: LFBGA208
ballout
Added
– - Section 5: Signal description on page 43 including Section 5.1:
Signal properties summary, Table 3: SPC563M60 signal properties,
Section 5.2: Detailed signal descriptions, Section 5.3: I/O
power/ground segmentation and Table 4: SPC563M60 power/ground
segmentation
– - Section 6: Device pin outs on page 69 including Section 6.1:
LQFP144 pinout, Figure 2: LQFP144 pinout, Section 6.2: LFBGA208
ballout diagram and Figure 3: LFBGA208 ballout diagram
Removed parameters D3 and E3 from Figure 4: LQFP144 (20 x 20 x
1.40 mm) package mechanical outline:
Removed minimum and maximum values for parameters D, D1, E and
E1 and removed parameters D3 and E3 from Table 6: LQFP144
package mechanical data on page 74:
Added note about LQFP144 package and JEDEC compliancy to Section
8: Package information on page 73
13-Mar-2009
3
Updated document to include information on all members of the
SPC563Mxx family.
Replaced references to the core (was “e200z3”, is “e200z335”) and
Nexus module (was “Nexus development interface (NDI)”, is “Nexus port
controller (NPC)”).
Changed the arrangement of VSTBY, the standby RAM, and the voltage
regulator in the block diagram.
Revised the device-comparison table and feature list.
In the “Feature List” section, added “(for 100- and 144-pin packages)” to
the “Single power supply” operating parameter.
In the “Feature Details” section, replaced the CI/NMI text in the INTC
description with information on the NMI only.
Reformatted company-specific references.
Added a revision history.
Formatting, spelling, grammar, and layout corrections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com