Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITEUS5 Datasheet(PDF) 125 Page - STMicroelectronics

Part # ST7LITEUS5
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS5 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button ST7LITEUS5 Datasheet HTML 121Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 122Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 123Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 124Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 125Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 126Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 127Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 128Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
ST7LITEUS2, ST7LITEUS5
Device configuration and ordering information
125/136
14.2
Ordering information
Customer code is made up of the FASTROM contents and the list of the selected options (if
any). The FASTROM contents are to be sent on diskette, or by electronic means, with the
S19 hexadecimal file generated by the development tool. All unused bytes must be set to
FFh. The selected options are communicated to STMicroelectronics using the correctly
completed option list appended.
Refer to application note AN1635 for information on the counter listing returned by ST after
code has been transferred.
The STMicroelectronics Sales Organization will be pleased to provide detailed information
on contractual points.
Table 78:
OPTION BYTE 0
7
0
OPTION BYTE 1
7
0
Reserved
SEC0
FMPR
FMPW
CKSEL
1
CKSEL
0
Res
Res
LVD1 LVD0
WDG
SW
WDG
HALT
Default
value
1
1
1
1
00
0
0
0
0
1011
1
1
Table 79.
Supported order codes (1)
Order code
Program
memory
(bytes)
RAM
(bytes)
ADC
Temperature
range
Package
Conditioning
ST7FLITEUSA2B6
1Kbyte
FLASH
128
-
-40°C +85°C
DIP8
Tube
ST7FLITEUSA2M6
-
SO8
Tube
ST7FLITEUSA2M6TR
-
SO8
Tape & Reel
ST7FLITEUSA2U6TR
-
DFN8
Tape & Reel
ST7FLITEUSA5B6
1Kbyte
FLASH
128
10-bit
-40°C +85°C
DIP8
Tube
ST7FLITEUSA5M6
10-bit
SO8
Tube
ST7FLITEUSA5M6TR
10-bit
SO8
Tape & Reel
ST7FLITEUSA5U6
10-bit
DFN8
Tray
ST7FLITEUSA5U6TR
10-bit
DFN8
Tape & Reel
ST7FLITEUSICD
1Kbyte
FLASH
128
-
-40°C +125°C
DIP16(2)
Tube
ST7PLUSA2B6
1Kbyte
FASTROM
128
-
-40°C +85°C
DIP8
Tube
ST7PLUSA2M6
-
SO8
Tube
ST7PLUSA2M6TR
-
SO8
Tape & Reel
ST7PLUSA2U6TR
-
DFN8
Tape & Reel
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com