Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITEUS5 Datasheet(PDF) 127 Page - STMicroelectronics

Part # ST7LITEUS5
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS5 Datasheet(HTML) 127 Page - STMicroelectronics

Back Button ST7LITEUS5 Datasheet HTML 123Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 124Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 125Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 126Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 127Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 128Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 129Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 130Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
ST7LITEUS2, ST7LITEUS5
Device configuration and ordering information
127/136
Figure 69.
Option list
ST7LITEUS FASTROM MICROCONTROLLER OPTION LIST
(Last update: February 2009)
Customer: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Address:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Contact:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phone No: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference/FASTROM Code*:. . . . . . . . . . . . . . . . . . . . . . . . . .
*FASTROM code name is assigned by STMicroelectronics.
FASTROM code must be sent in .S19 format. .Hex extension cannot be processed.
Device Type/Memory Size/Package (check only one option):
------------------|-----------------------|
FASTROM DEVICE:
|
1K FASTROM
|
------------------|-----------------------|
PDIP8
|
[ ]
|
SO8
|
[ ]
|
DFN8
|
[ ]
|
Conditioning (check only one option):
---------------------------------------------------------------------------
DIP package: [ ] Tube
SO package:
[ ] Tape & Reel
[ ] Tube
DFN package: [ ] Tape & Reel
[ ] Tray (for ST7PLUSA5U6xxx and ST7PLUSA5U3xxx
only)
Special Marking:
[ ] No
[ ] Yes "_ _ _ _ _ _ _ _"
Authorized characters are letters, digits, '.', '-', '/' and spaces only.
Maximum character count:
PDIP8/SO8/DFN8 (8 char. max)
: _ _ _ _ _ _ _ _
Temperature range
[ ] -40°C to +85°C
[ ] -40°C to +125°C
Clock Source Selection: [ ] External Clock
[ ] AWU RC oscillator
[ ] Internal RC
oscillator
Sector 0 size:
[ ] 0.5K
[ ] 1K
Readout protection:
[ ] Disabled
[ ] Enabled
FLASH Write Protection: [ ] Disabled
[ ] Enabled
LVD Reset
[ ] Disabled
[ ] Highest threshold
[ ] Medium threshold
[ ] Lowest threshold
Watchdog Selection:
[ ] Software Activation [ ] Hardware Activation
Watchdog Reset on Halt: [ ] Disabled
[ ] Enabled
Comments: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Operating Range in the application:. . . . . . . . . . . . . . . . .
Notes:. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Date: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signature:. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Important note: Not all configurations are available. Refer to datasheet for
authorized option byte combinations.
Please download the latest version of this option list from:
http://www.st.com/mcu > downloads > ST7 microcontrollers > Option list
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com