Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC901 Datasheet(PDF) 22 Page - Espros Photonics corp

Part # EPC901
Description  CCD line sensor 1024x1 pixel
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC901 Datasheet(HTML) 22 Page - Espros Photonics corp

Back Button EPC901 Datasheet HTML 18Page - Espros Photonics corp EPC901 Datasheet HTML 19Page - Espros Photonics corp EPC901 Datasheet HTML 20Page - Espros Photonics corp EPC901 Datasheet HTML 21Page - Espros Photonics corp EPC901 Datasheet HTML 22Page - Espros Photonics corp EPC901 Datasheet HTML 23Page - Espros Photonics corp EPC901 Datasheet HTML 24Page - Espros Photonics corp EPC901 Datasheet HTML 25Page - Espros Photonics corp EPC901 Datasheet HTML 26Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
OSC_TRIM_RANGE_REG
Bit no.
7
6
5
4
3
2
1
0
Bit name
n/a
n/a
n/a
n/a
n/a
n/a
n/a
OSC_TRIM_RANGE_UP
Operation
n/a
n/a
n/a
n/a
n/a
n/a
n/a
R/W
Default
n/a
n/a
n/a
n/a
n/a
n/a
n/a
0
Table 10: Description of register OSC_TRIM_RANGE_REG (available from revision number 0x14)
OSC_TRIM_RANGE_UP
Defines oscillator trim range:
0: default oscillator trim range (as on chip revisions epc901_018 and epc901_019)
1: oscillator frequency increased by 25%
The bit OSC_TRIM_RANGE_UP can be regarded as an additional oscillator trim bit providing a course frequency trim step of +25%. For
fine trimming use the bits OSC_TRIM as described hereafter.
OSC_TRIM_REG
Bit no.
7
6
5
4
3
2
1
0
Bit name
n/a
n/a
n/a
n/a
OSC_TRIM
Operation
n/a
n/a
n/a
n/a
R/W
Default
n/a
n/a
n/a
n/a
0x0
Table 11: Description of register OSC_TRIM_REG
The trim range of OSC_TRIM is approx. 1.2MHz per step:
Bit no.
Trim Value (MHz)
3
2
1
0
1
0
0
0
-9.6
1
0
0
1
-8.4
1
0
1
0
-7.2
1
0
1
1
-6.0
1
1
0
0
-4.8
1
1
0
1
-3.6
1
1
1
0
-2.4
1
1
1
1
-1.2
0
0
0
0
0 (center frequency)
0
0
0
1
+1.2
0
0
1
0
+2.4
0
0
1
1
+3.6
0
1
0
0
+4.8
0
1
0
1
+6.0
0
1
1
0
+7.2
0
1
1
1
+8.4
Table 12: Oscillator trimming
© 2016 ESPROS Photonics Corporation
Characteristics subject to change without notice
22 / 37
Datasheet_epc901-V5.6
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com