| Electronic Components Datasheet Search |
|
EPC901 Datasheet(PDF) 14 Page - Espros Photonics corp |
|
|
|||||||||||||||||||||||||||||
EPC901 Datasheet(HTML) 14 Page - Espros Photonics corp |
|
14 / 37 page ![]() It is to note that the CCD continues to be photo-sensitive during the shift operation i.e. for a time T SHIFT after the falling edge of SHUTTER. 5.3. Multi frame acquisition Up to 4 images can be acquired and stored in the CCD frame store in a fast sequence without intermediate read-out. The CCD frame store is organized in 4 CCD frame store elements (FS1-FS4), thereby each CCD frame store element can store one frame/image. The first captured image initially occupies 3 frame store elements as for a single-frame acquisition (see section 5.2 and Figure 8). epc901 automati- cally detects a multi-frame acquisition when detecting the second SHUTTER signal without prior read-out. Upon the second shutter the first image is shifted to a single frame store element (see (2) in Figure 9). The frames are shifted from the CCD pixel field to and through the CCD frame store in a FIFO-manner i.e. the first captured image is the first one read out. The read-out is described in more detail in section 5.4. As soon as 4 frames have been captured without prior read-out, at least one read-out has to be issued prior the next shutter in order to make FS1 available again. Excessive shutter pulses are ignored. SHUTTER READ_CLK T SHIFT T CDS T SHIFT T SHIFT T CDS T CDS (1) (2) (3) (4) DATA_RDY Figure 9: Illustrative example of multi-frame acquisition and read-out 5.4. Image readout After one or more images have been captured, the first image (FIFO) can be read out through the video interface on the pins VIDEO_P and VIDEO_N. The read-out is controlled by the READ pin. The following timing diagram shows its usage: READ VIDEO_P/N T RD_PULSE T RD_CLK T H,VIDEO T CDS N RD_CLK * TRD_CLK Pre-loading of internal pipe-line DATA_RDY ANA_TEST0 1 2 3 P 0 P 1 P 2 P 3 P N READY goes low when the readout of the last stored frame begins (rising edge indicates readout of the last pixel in a frame) Figure 10: Image readout timing of one frame The first pulse of a read sequence applied to pin READ is a Read Pulse and must have a duration of TRD_PULSE. Upon a Read Pulse, the last frame in the CCD frame store is sampled pixel-wise onto a capacitor array thereby the pixel charges are converted into pixel voltages © 2016 ESPROS Photonics Corporation Characteristics subject to change without notice 14 / 37 Datasheet_epc901-V5.6 www.espros.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |