Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC901 Datasheet(PDF) 28 Page - Espros Photonics corp

Part # EPC901
Description  CCD line sensor 1024x1 pixel
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC901 Datasheet(HTML) 28 Page - Espros Photonics corp

Back Button EPC901 Datasheet HTML 24Page - Espros Photonics corp EPC901 Datasheet HTML 25Page - Espros Photonics corp EPC901 Datasheet HTML 26Page - Espros Photonics corp EPC901 Datasheet HTML 27Page - Espros Photonics corp EPC901 Datasheet HTML 28Page - Espros Photonics corp EPC901 Datasheet HTML 29Page - Espros Photonics corp EPC901 Datasheet HTML 30Page - Espros Photonics corp EPC901 Datasheet HTML 31Page - Espros Photonics corp EPC901 Datasheet HTML 32Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
11.2. Circuit for single ended mode
epc901
R
BIAS
VDD1V8
VDD7V0
VDD_OA
VIDEO_P
VIDEO_N
C
VDD7V0
C
VDD1V8
VDD
VDD
C
VDD
Communication
μC / FPGA
ADC
Configuration
Factory
(do not
connect)
32
20
8
10
CCD --> Frame Store Buffers --> CDS
9
VDD5V0
C
VDD5V0
18
VIDEO_CM
11
Video
Amp
C
VDD_OA
L
Figure 14: Single ended mode application diagram
In single-ended transmission mode, VIDEO_N and VIDEO_CM must be tied to ground. The output signal is available at VIDEO_P.
Illumination
VIDEO_P (typ.)
Dark voltage
0.4V
Maximum video output
2.0V
Table 29: Video amplifier output in single-ended mode
11.3. External components
The external components in Figure 13 and Figure 14 shall be as follows:
Param-
eter
Description
Value Units
Toler-
ance
Comments
RBIAS
External resistor defining the bias current
56k
kΩ
±1%
Resistance temperature coefficient max. ±100ppm/K
CVDD1V8
Decoupling capacitor for VDD1V8
1.0
μF
±20%
low ESR
CVDD5V0
Decoupling capacitor for VDD5V0
2.2
μF
±20%
low ESR
CVDD7V0
Decoupling capacitor for VDD7V0
2.2
μF
±20%
low ESR
CVDD
Decoupling capacitor for VDD
1.0
μF
±20%
low ESR
CVDD_OA
Decoupling capacitor for VDD_OA
1.0
μF
±20%
low ESR
L
Decoupling inductor
600
Ω
e.g. Taiyo Yuden BK1005HR601-T
11.4. Low noise operation
11.4.1. Charge pump noise
The internal charge pump generates considerable noise, especially in single-ended mode. The noise performance can be optimized by
turning off the charge pump and supplying the chip with an external 5V supply. Refer to section 12.2..
11.4.2. Video amplifier noise
Another noise source is the video amplifier which can be used in two different modes. Single ended mode is the lower noise operation
mode. Thus, use the chip in single ended mode for low noise applications.
© 2016 ESPROS Photonics Corporation
Characteristics subject to change without notice
28 / 37
Datasheet_epc901-V5.6
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com