Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC901 Datasheet(PDF) 36 Page - Espros Photonics corp

Part # EPC901
Description  CCD line sensor 1024x1 pixel
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC901 Datasheet(HTML) 36 Page - Espros Photonics corp

Back Button EPC901 Datasheet HTML 29Page - Espros Photonics corp EPC901 Datasheet HTML 30Page - Espros Photonics corp EPC901 Datasheet HTML 31Page - Espros Photonics corp EPC901 Datasheet HTML 32Page - Espros Photonics corp EPC901 Datasheet HTML 33Page - Espros Photonics corp EPC901 Datasheet HTML 34Page - Espros Photonics corp EPC901 Datasheet HTML 35Page - Espros Photonics corp EPC901 Datasheet HTML 36Page - Espros Photonics corp EPC901 Datasheet HTML 37Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
16. Ordering Information
Part Number Part Name
Package
RoHS com-
pliance
Packaging
Method
P100 360
epc901-CSP32
CSP32
Yes
Reel
P100 208
epc901 Evaluation Board V2
PCB 70.00 x 65.00 mm
Yes
Anti static bag
P100 209
epc901 Chip Carrier Board V2
PCB 36.00 x 42.75 mm
Yes
Anti static bag
Table 33: Ordering information
17. Note to various chip releases
The following is a list of notes and deviations of the effective chip performance to the data in this data sheet.
17.1. epc901-007 up to -016, -018, -020, -021, -022, -023
•
The chips with these version numbers do not go into the power-down mode as long as processes are active, e.g. if the tempera-
ture sensor is activated, the power-down mode is ignored. Since the temperature sensors are turned on by default, the chips will
never go into power-down without turning the temperature sensors off by the I2C command.
•
Video amplifier instability for higher gain-bandwidth product settings: Use only lowest gain-bandwidth product setting
(VIDEO_GBW_SEL_REG = 0x00).
•
Read direction from 0 to 1023 (RD_DIR = 0) not working.
•
The chips with these version numbers are not suitable for usage with a 1.8V ADC for following reasons:
◦
When the video amplifier is idle, the outputs VIDEO_P and VIDEO_N go to the VDDOA rails i.e. 0V and 3V typical. This
typically violates the maximum input voltage of 1.8V ADCs. From version -031, VIDEO_P and VIDEO_N go to the common-
mode during idle.
◦
The video amplifier does not work reliably at VIDEO_CM = 0.9V plus/minus a tolerance, typically the common-mode level
used for 1.8V ADCs
•
Voltage difference between VIDEO_P and VIDEO_N resp. voltage on VIDEO_P (see Figure 13 and Figure 14 for reference)
Mode
Illumination
VIDEO_N (typ.)
VIDEO_P(typ.)
Voltage difference between
VIDEO_P and VIDEO_N (typ.)
single ended
Dark voltage
n/a
0.2
n/a
Maximum video output
n/a
2.0
n/a
differential
Dark voltage
VVIDEO_CM + 0.45V
VVIDEO_CM – 0.45V
-0.9
Maximum video output
VVIDEO_CM – 0.7V
VVIDEO_CM + 0.7V
1.4
•
The solder balls on the solder pads have a diameter of 270 ±20 µm.
17.2. epc901-007 up to -016, -018, -020, -021, -022
•
Single-ended mode does not start-up properly.
17.3. epc901-016
•
The output bandwidth is limited to approx. 4MHz.
17.4. epc901-007 up to and including -018, -020, -022
•
Use the the chip only according to section 12.2., Low power operation with external 3V and 5V supply. The charge pump does
not work properly for these versions.
17.5. epc901-031
•
The default settings for the video amplifier common-mode feedback (register bits SC_CMFB_EN and AMP_PHY_IDLE_EN) are
not valid. The settings have to be changed to SC_CMFB_EN = 1, AMP_PHY_IDLE_EN = 1 prior the first read-out (registers
MISC_CONF and FORCE_ANA_CTRL_SIGS).
•
The solder balls on the solder pads have a diameter of 270 ±20 µm.
17.6. epc901-007 up to and including -016
Description
Conditions
ESD rating
all pins except VDD7V0 vs. VDD1V8, SCL vs. GND, SCL vs. VDD3V3:
HBM class 2 ( 2kV to <4kV, JEDEC)
Pins VDD7V0 vs. VDD1V8, SCL vs. GND, SCL vs. VDD3V3:
HBM class 1B (500V to <1kV, JEDEC)
© 2016 ESPROS Photonics Corporation
Characteristics subject to change without notice
36 / 37
Datasheet_epc901-V5.6
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com