Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC901 Datasheet(PDF) 3 Page - Espros Photonics corp

Part # EPC901
Description  CCD line sensor 1024x1 pixel
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC901 Datasheet(HTML) 3 Page - Espros Photonics corp

  EPC901 Datasheet HTML 1Page - Espros Photonics corp EPC901 Datasheet HTML 2Page - Espros Photonics corp EPC901 Datasheet HTML 3Page - Espros Photonics corp EPC901 Datasheet HTML 4Page - Espros Photonics corp EPC901 Datasheet HTML 5Page - Espros Photonics corp EPC901 Datasheet HTML 6Page - Espros Photonics corp EPC901 Datasheet HTML 7Page - Espros Photonics corp EPC901 Datasheet HTML 8Page - Espros Photonics corp EPC901 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
17.6. epc901-007 up to and including -016..............................................................................................................................................36
18. IMPORTANT NOTICE
........................................................................................................................................37
1. Block diagram
Tempe-
rature
Sensor
1 & 2
Oscillator
I2C Interface
Control
Test
Control
Power supply /
Power on
Reset
VDD_1V8
AGND
AGND
DGND
CCD pixel field 1024 x 1
CCD
Control
Shift
Control
CCD frame store buffer FS1..4
Floating diffusion / source follower / CDS
1024:4 multiplexer
4:1 multiplexer
AMP
VDD_OA
VIDEO_P
VIDEO_CM
VIDEO_N
GND_OA
VDD
VDD_7V0
VDD_5V0
CLR_DATA
SHUTTER
READ
DATA_RDY
ROI_SEL
RD_DIR
HOR_BIN
analog in
digital control
AMP
Control
I_BIAS
FS4
FS3
FS2
FS1
Charge pump
5V regulator
1.8V regulator
Figure 3: Block diagram
© 2016 ESPROS Photonics Corporation
Characteristics subject to change without notice
3 / 37
Datasheet_epc901-V5.6
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com