Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC901 Datasheet(PDF) 33 Page - Espros Photonics corp

Part # EPC901
Description  CCD line sensor 1024x1 pixel
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC901 Datasheet(HTML) 33 Page - Espros Photonics corp

Back Button EPC901 Datasheet HTML 29Page - Espros Photonics corp EPC901 Datasheet HTML 30Page - Espros Photonics corp EPC901 Datasheet HTML 31Page - Espros Photonics corp EPC901 Datasheet HTML 32Page - Espros Photonics corp EPC901 Datasheet HTML 33Page - Espros Photonics corp EPC901 Datasheet HTML 34Page - Espros Photonics corp EPC901 Datasheet HTML 35Page - Espros Photonics corp EPC901 Datasheet HTML 36Page - Espros Photonics corp EPC901 Datasheet HTML 37Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
14. Tape & Reel Information
The devices are mounted on embossed tape for automatic placement systems. The tape is wound on 178 mm (7 inch) or 330 mm (13
inch) reels and individually packaged for shipment. General tape-and-reel specification data are available in a separate data sheet and in-
dicate the tape sizes for various package types. Further tape-and-reel specifications can be found in the Electronic Industries Association
(EIA) standard 481-1, 481-2, 481-3.
Pin 1
4
CSP32 Tape
Pin 1
Pin 1
8
4
CSP6 Tape
QFN16 Tape
epc does not guarantee that there are no empty cavities. Thus, the pick-and-place machine should check the presence of a chip during
picking.
14.1. Soldering and IC handling
Since the chip is only 50μm thick and has a high aspect ratio (length to width), a careful handling during the surface mount assembly
process shall be taken in order to avoid mechanical damage. In addition to that, careful PCB layout is needed in order to achieve reliable
assembly results with a high yield. Please refer to the application note AN04 from epc which contains comprehensive information to these
topics. This application note can be downloaded at www.espros.com/application-notes.
Item
Description
Solder balls: Alloy
Sn96.5Ag3.0Cu0.5 (SAC305)
Soldering profile
For infrared or conventional soldering, the solder profile has to follow the recommendations of
IPC/JEDEC J-STD020C (revision C and later) for lead-free assembly.
Soldering lead temperature
TL = 260 ºC for 4s with a maximum gradient of 6 ºC/s
Allowed cleaning agents
Isopropanol
Packaging technology
Bare-die CSP with underfill
Pick and place
Nozzle
F
Z
F
SH_B
✔
✔
✔
✘
F
Z
F
SH_B
✘
✘
Vacuum
Solder ball
Chip
Figure 18: Pick & place; left: good nozzle, good picking; right: bad nozzle, bad picking
The nozzle needs a flat surface. It must not touch the pixel-field area.
It should not have any flashes where it touches the chip. The chip can get damaged.
The nozzle has to bring the FZ force evenly distributed in a vertical way to the center of the solder
balls during picking and placing. Refer to Figure 18, left picture. It means that it should be large
enough so that it picks the chip not just in the middle of the part but in the area above the solder balls.
Bending of the chip is not allowed. Refer toFigure 18, right picture
Keep attention having no shear forces to the solder balls during picking the chip from the tape pocket
and/or placing.
Maximum vertical force FZ per chip:
≤ 0.8 N.
Maximum shear force FSH_B per ball:
≤ 0.5 N.
Preferred is forceless picking with vacuum only.
It is also highly recommended to use a „kiss-and-goodbye“ concept to place the component. It means
that the nozzle should blow the part away when it does the placing.
Table 30: IC handling specification
© 2016 ESPROS Photonics Corporation
Characteristics subject to change without notice
33 / 37
Datasheet_epc901-V5.6
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com