Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1739EEP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1739EEP
Description  Wide Brightness Range CCFL Backlight Controllers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1739EEP Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1739EEP Datasheet HTML 1Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 2Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 3Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 4Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 5Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 6Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 7Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 8Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
General Description
The MAX1739/MAX1839 fully integrated controllers are
optimized to drive cold-cathode fluorescent lamps
(CCFLs) using the industry-proven Royer oscillator
inverter architecture. The Royer architecture provides
near sinusoidal drive waveforms over the entire input
range to maximize the life of CCFLs. The MAX1739/
MAX1839 optimize this architecture to work over a wide
input voltage range, achieve high efficiency, and maxi-
mize the dimming range.
The MAX1739/MAX1839 monitor and limit the trans-
former center-tap voltage when required. This ensures
minimal voltage stress on the transformer, which
increases the operating life of the transformer and
eases its design requirements. These controllers also
provide protection against many other fault conditions,
including lamp-out and buck short faults.
These controllers achieve 50:1 dimming range by
simultaneously adjusting lamp current and “chopping”
the CCFL on and off using a digitally adjusted pulse-
width modulated (DPWM) method. CCFL brightness is
controlled by an analog voltage or is set with an
SMBusTM-compatible two-wire interface (MAX1739).
The MAX1739/MAX1839 drive an external high-side
N-channel power MOSFET and two low-side N-channel
power MOSFETs, all synchronized to the Royer oscilla-
tor. An internal 5.3V linear regulator powers the MOS-
FET drivers and most of the internal circuitry. The
MAX1739/MAX1839 are available in space-saving
20-pin QSOP packages and operate over the -40°C to
+85°C temperature range.
________________________Applications
Notebook/Laptop Computers
Car Navigation Displays
LCD Monitors
Point-of-Sale Terminals
Portable Display Electronics
Features
o Fast Response to Input Change
o Wide Input Voltage Range (4.6V to 28V)
o High Power-to-Light Efficiency
o Minimizes Transformer Voltage Stress
o Lamp-Out Protection with 2s Timeout
o Buck Switch Short and Other Single-Point Fault
Protection
o Integrated Royer MOSFET Drivers Reduce
Transformer Pin Count
o Buck Operation Synchronized to Royer Oscillator
o Synchronizable DPWM Frequency
o Pin-Selectable Brightness Control Interface
o SMBus Serial Interface (MAX1739)
o Analog Interface (MAX1739/MAX1839)
Wide Brightness Range
CCFL Backlight Controllers
________________________________________________________________ Maxim Integrated Products
1
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
BATT
DH
LX
BST
CCV
CCI
MINDAC
REF
TOP VIEW
VL
GND
CS
DL1
MODE
CTL/SCL
CRF/SDA
SH/SUS
12
11
9
10
DL2
SYNC
CTFB
CSAV
MAX1739
QSOP
Pin Configuration
19-1755; Rev 1; 3/01
For price, delivery, and to place orders, please contact Maxim Distribution at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
†Patent pending
SMBus is a trademark of Intel Corp.
PART
TEMP. RANGE
PIN-PACKAGE
MAX1739EEP
-40
°C to +85°C
20 QSOP
MAX1839EEP
-40
°C to +85°C
20 QSOP
Ordering Information
Pin Configurations continued at end of data sheet.


Similar Part No. - MAX1739EEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1739EVKIT MAXIM-MAX1739EVKIT Datasheet
377Kb / 7P
Wide Brightness Adjustment Range
Rev 0; 7/01
MAX1739EVSYS MAXIM-MAX1739EVSYS Datasheet
377Kb / 7P
Wide Brightness Adjustment Range
Rev 0; 7/01
More results

Similar Description - MAX1739EEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
logo
Maxim Integrated Produc...
MAX753 MAXIM-MAX753 Datasheet
103Kb / 16P
CCFL Backlight and LCD Contrast Controllers
Rev 1; 1/95
logo
Analog Microelectronics
AME9001 AME-AME9001 Datasheet
370Kb / 27P
CCFL BACKLIGHT CONTROLLER
logo
Maxim Integrated Produc...
MAX1895 MAXIM-MAX1895 Datasheet
1Mb / 31P
High-Efficiency, Wide Brightness Range, CCFL Backlight Controllers
Rev 1; 10/02
MAX1996A MAXIM-MAX1996A Datasheet
883Kb / 28P
High-Efficiency, Wide Brightness Range, CCFL Backlight Controller
Rev 1; 10/02
logo
Asahi Kasei Microsystem...
AME9002 AKM-AME9002 Datasheet
815Kb / 37P
CCFL Backlight Controller
logo
Texas Instruments
TL499A TI-TL499A_06 Datasheet
195Kb / 10P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI-TL499A_15 Datasheet
544Kb / 13P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
logo
Maxim Integrated Produc...
MAX1739EVKIT MAXIM-MAX1739EVKIT Datasheet
377Kb / 7P
Wide Brightness Adjustment Range
Rev 0; 7/01
MAX753 MAXIM-MAX753_V01 Datasheet
433Kb / 16P
CCFL Backlight and LCD Contrast Controllers
1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com