Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1739EEP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1739EEP
Description  Wide Brightness Range CCFL Backlight Controllers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1739EEP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1739EEP Datasheet HTML 7Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 8Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 9Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 10Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 11Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 12Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 13Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 14Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Wide Brightness Range
CCFL Backlight Controllers
_______________________________________________________________________________________
11
Voltage and Current Control Loops
The MAX1739/MAX1839 use two control loops. The cur-
rent control loop regulates the average lamp current. The
voltage control loop limits the maximum average primary-
side transformer voltage. The voltage control loop is
active during the beginning of DPWM on-cycles and in
some fault conditions. Limiting the transformer primary
voltage allows for a lower transformer secondary voltage
rating that can increase reliability and decrease cost of
the transformer. The voltage control loop acts to limit the
transformer voltage any time the current control loop
attempts to steer the transformer voltage above its limit as
set by VCTFB (see Sense Resistors).
The voltage control loop uses a transconductance
amplifier to create an error current based on the volt-
age between CTFB and the internal reference level
(600mV typ) (Figure 2). The error current is then used
to charge and discharge CCCV to create an error volt-
age VCCV. The current control loop produces a similar
signal based on the voltage between CSAV and its
internal reference level (see the Dimming Range sec-
tion). This error voltage is called VCCI. The lower of
VCCV and VCCI is used with the buck regulator’s PWM
ramp generator to set the buck regulator’s duty cycle.
During DPWM, the two control loops work together to
limit the transformer voltage and to allow wide dimming
range with good line rejection. During the DPWM off-
cycle, VCCV is set to 1.2V and CCI is set to high imped-
ance. VCCV is set to 1.2V to create soft-start at the
beginning of each DPWM on-cycle in order to avoid
overshoot on the transformer primary. VCCI is set to
high impedance to keep VCCI from changing during the
off-cycles. This allows the current control loop to regu-
late the average lamp current only during DPWM on-
cycles and not the overall average lamp current.
Upon power-up, VCCI slowly rises, increasing the duty
cycle, which provides soft-start. During this time, VCCV,
which is the faster control loop, is limited to 150mV
above VCCI by the CCV-CLAMP. Once the secondary
voltage reaches the strike voltage, the lamp current
begins to increase. When the lamp current reaches the
regulation point, VCCI reaches steady state. With MIN-
DAC = VL (DPWM disabled), the current control loop
remains in control and regulates the lamp current.
With MINDAC between REF and GND, DPWM is
enabled and the MAX1739/MAX1839 begin pulsing the
lamp current. During the on-cycle, VCCV is at 150mV
above VCCI. After the on-cycle, VCCV is forced down to
1.2V to provide soft-start at the beginning of the next
on-cycle. Also, VCCI retains its value until the beginning
of the next on-cycle. When VCCV increases, it causes
the buck regulator duty cycle to increase and provides
soft-start. When VCCV crosses over VCCI, the current
control loop regains control and regulates the lamp cur-
rent. VCCV is limited to 150mV above VCCI for the
remainder of the on-cycle.
In a lamp-out condition, VCCI increases the primary
voltage in an attempt to maintain lamp current regula-
tion. As VCCI rises, VCCV rises with it until the primary
voltage reaches its set limit point. At this point, VCCV
stops rising and limits the primary voltage by limiting
the duty cycle. Because VCCV is limited to 150mV
above VCCI, the voltage control loop is quickly able to
limit the primary voltage. Without this clamping feature,
the transformer voltage would overshoot to dangerous
levels because VCCV would take more time to slew
down from its supply rail. Once the MAX1739/MAX1839
sense less than 1/6 the full-scale current through the
lamp for 2 seconds, it shuts down the Royer oscillator
(see Lamp-Out Detection).
See the Sense Resistors section for information about
setting the voltage and current control loop thresholds.
Feed-Forward Control
Both control loops are influenced by the input voltage
feed-forward (VBATT) control circuitry of the MAX1739/
MAX1839. Feed-forward control instantly adjusts the
buck regulator’s duty cycle when it detects a change in
input voltage. This provides immunity to changes in
input voltage at all brightness levels. This feature
makes compensation over wide input ranges easier,
makes startup transients less dependent on input volt-
age, and improves line regulation for short DPWM on-
times.
The MAX1739/MAX1839 feed-forward control is imple-
mented by varying the amplitude of the buck-switch’s
PWM ramp amplitude. This has the effect of varying the
duty cycle as a function of input voltage while maintain-
ing the same VCCI and VCCV. In other words, VBATT feed
forward has the effect of not requiring changes in error-
signal voltage (VCCI and VCCV) to respond to changes in
VBATT. Since the capacitors only need to change their
voltage minimally to respond to changes in VBATT, the
controller’s response is essentially instantaneous.
Transient Overvoltage Protection
from Dropout
The MAX1739/MAX1839 are designed to maintain tight
control of the transformer primary under all transient
conditions. This includes transients from dropout,
where VBATT is so low that the controller loses regula-
tion and reaches maximum duty cycle. Backlight
designs will want to choose circuit component values to
minimize the transformer turns ratio in order to minimize
primary-side currents and I2R losses. To achieve this,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com