Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1739EEP Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # MAX1739EEP
Description  Wide Brightness Range CCFL Backlight Controllers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1739EEP Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button MAX1739EEP Datasheet HTML 18Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 19Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 20Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 21Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 22Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 23Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 24Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 25Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 26Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Wide Brightness Range
CCFL Backlight Controllers
24
______________________________________________________________________________________
Status Register
[STATUS1–STATUS0] (POR = 0b11)
The status register returns information on fault condi-
tions. If a lamp is not connected to the secondary of the
transformer, the MAX1739 will detect that the lamp cur-
rent has not exceeded the CSAV detection threshold
and after 2 seconds will clear the STATUS1 bit (see
Lamp-Out Detection). The STATUS1 bit is latched; i.e.,
it will remain 0 even if the lamp-out condition goes
away. When STATUS1 = 0, the lamp is forced off. STA-
TUS0 reports 1 as long as no overcurrent conditions
are detected. If an overcurrent condition is detected in
any given DPWM period, STATUS0 is cleared for the
duration of the following DPWM period. If an overcur-
rent condition is not detected in any given DPWM peri-
od, STATUS0 is set for the duration of the following dig-
ital DPWM period. Forcing the CCFL lamp off by
entering shutdown, writing to the mode register, or by
toggling SH/SUS sets STATUS1.
ID Registers
The ID registers return information on the manufacturer,
the chip ID, and the chip revision number. The
MAX1739 is the first-generation advanced CCFL con-
troller, and its ChipRev is 0x00. Reading from the MfgID
register returns 0x4D, which is the ASCII code for “M”
(for Maxim); the ChipID register returns 0x96. Writing to
these registers has no effect.
BIT
NAME
POR
STATE
DESCRIPTION
2
SHMD2
0
SHMD2 = 1 forces the lamp off and sets STATUS1. SHMD2 = 0 allows the lamp to operate, though it
may still be shut down by the SH/SUS pin (depending on the state of SHMD1 and SHMD0).
1
SHMD1
0
When SH /SUS = 0, this bit has no effect. SH/SUS = 1 and SHMD1 = 1 forces the lamp off and sets
STATUS1. SH /SUS = 1 and SHMD1 = 0 allow the lamp to operate, though it may still be shut down
by the SHMD2 bit.
0
SHMD0
1
When SH /SUS = 1, this bit has no effect. SH /SUS = 0 and SHMD0 = 1 forces the lamp off and sets
STATUS1. SH /SUS = 0 and SHMD0 = 0 allows the lamp to operate, though it may still be shut down
by the SHMD2 bit.
Table 7. SHMD Register Bit Descriptions
SH/SUS
SHMD2
SHMD1
SHMD0
OPERATING MODE
0
0
X
0
Operate
0
0
X
1
Shutdown, STATUS1 set
1
0
0
X
Operate
1
0
1
X
Shutdown, STATUS1 set
X
1
X
X
Shutdown, STATUS1 set
Table 8.
SH/SUS and SHMD Register Truth Table
BIT
NAME
POR
STATE
DESCRIPTION
1
STATUS1
1
STATUS1 = 0 means that a lamp-out condition has been detected. The STATUS1 bit stays clear
even after the lamp-out condition has gone away. The only way to set STATUS1 is to shut off the
lamp by programming the mode register or by toggling SH/SUS.
0
STATUS0
1
STATUS0 = 0 means that an overcurrent condition was detected during the previous digital PWM
period. STATUS0 = 1 means that no overcurrent condition was detected during the previous digital
PWM period.
Table 9. Status Register Bit Descriptions (Read Only/Writes Have No Effect)
X = Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com