Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1739EEP Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1739EEP
Description  Wide Brightness Range CCFL Backlight Controllers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1739EEP Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1739EEP Datasheet HTML 1Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 2Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 3Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 4Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 5Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 6Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 7Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 8Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Wide Brightness Range
CCFL Backlight Controllers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 8.2V, VSH/SUS = VSH = 5.5V, MINDAC = GND, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INTERFACE BRIGHTNESS CONTROL (MODE connected to REF or GND )
CRF/SDA, CRF Input Range
2.7
5.5
V
VCRF/SDA = VCRF = 5.5V
20
µA
CRF/SDA, CRF Input Current
VCRF/SDA = VCRF = 5.5V, SH/SUS = SH = 0
-1
1
µA
CTL/SCL, Input Range
MAX1739
0
CRF/
SDA
V
CTL Input Range
MAX1839
0
CRF
V
CTL/SCL, CTL Input Current
MODE = REF or GND
-1
1
µA
ADC Resolution
Guaranteed monotonic
5
Bits
ADC Hysteresis
1
LSB
SH Input Low Voltage
0.8
V
SH Input High Voltage
2.1
V
SH/SUS Input Hysteresis when
Transitioning In and Out of Shutdown
150
mV
SH Input Bias Current
-1
1
µA
SYSTEM MANAGEMENT BUS BRIGHTNESS CONTROL (MAX1739, MODE connected to VL, see Figures 12 and 13)
CRF/SDA, CTL/SCL, SH/SUS Input
0.8
V
CRF/SDA, CTL/SCL, SH/SUS Input
2.1
V
CRFSDA, CTLSCL Input Hysteresis
300
mV
CRF/SDA, CTL/SCL, SH/SUS Input
-1
1
µA
CRF/SDA Output Low Sink Current
VCRF/SDA = 0.4V
4
mA
CTL/SCL Serial Clock High Period
tHIGH
4µs
CTL/SCL Serial Clock Low Period
tLOW
4.7
µs
Start Condition Setup Time
tSU:STA
4.7
µs
Start Condition Hold Time
tHD:STA
4µs
CRF/SDA Valid to CTL/SCL Rising Edge
Setup Time, Slave Clocking in Data
tSU:DAT
250
ns
CTL/SCL Falling Edge to CRF/SDA
Transition
tHD:DAT
0ns
CTL/SCL Falling Edge to CRF/SDA
Valid, Reading Out Data
tDV
1µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com