Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1739EEP Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX1739EEP
Description  Wide Brightness Range CCFL Backlight Controllers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1739EEP Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX1739EEP Datasheet HTML 14Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 15Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 16Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 17Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 18Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 19Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 20Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 21Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Wide Brightness Range
CCFL Backlight Controllers
18
______________________________________________________________________________________
a proven application that is useful for a wide range of
CCFL tubes and power ranges. Table 5 shows the rec-
ommended components for a 4.5W application.
MOSFETs
The MAX1739/MAX1839 require three external switches
to operate: N1, N2A, and N2B. N1 is the buck switch;
select a logic-level N-channel MOSFET with low RDSON
to minimize conduction losses (100m
Ω, 30V typ). Also
select a comparable-power Schottky diode for D1.
N2A/N2B are the Royer oscillator switches that drive
the transformer primary; select a dual-logic-level N-
channel MOSFET with low RDSON to minimize conduc-
tion losses (100m
Ω, 30V typ).
Sense Resistors
R4 and R5 sense the transformer’s primary voltage.
Figure 9 shows the relationship between the primary
and secondary voltage. To set the maximum average
secondary transformer voltage, set R5 = 10k
Ω, and
select R5 according to the following formula:
where VS is the maximum RMS secondary transformer
voltage (above the strike voltage), and N is the turns
ratio of the transformer.
RR
V
N
S RMS
45
15
1
=−


.
()
SPECIFICATION
SYMBOL
UNITS
DESCRIPTION
CCFL Minimum Strike
Voltage
(Kick-Off Voltage)
VS
VRMS
Although CCFLs typically operate at <550VRMS, a higher voltage
(1000VRMS and up) is required initially to start the tube. The strike
voltage is typically higher at cold temperatures and at the tube’s end
of life. This voltage is set by the combination of the maximum primary
voltage (center-tap voltage limit corresponding to
VCTFB = 0.6V) and the transformer (T1) turns ratio.
CCFL Typical Operating
Voltage
(Lamp Voltage)
VL
VRMS
Once a CCFL has been struck, the voltage required to maintain light
output falls to approximately 550VRMS. Short tubes may operate on as
little as 250VRMS. The CCFL operating voltage stays relatively
constant, even as the tube’s brightness is varied.
CCFL Maximum Operating
Current (Lamp Current)
IL
mARMS
The maximum RMS AC current through a CCFL is typically 5mARMS.
DC current is not allowed through CCFLs. The maximum lamp current
is set by the sense resistor (R13) at the maximum brightness setting.
CCFL Maximum Frequency
(Lamp Frequency)
fL
kHz
The maximum AC-lamp-current frequency. The MAX1739/ MAX1839
synchronize to the Royer oscillator frequency set by the external
components and are designed to operate between 32kHz and
100kHz.
DESIGNATION
DESCRIPTION
RECOMMENDED DEVICE
MANUFACTURER
L1
47µH, 1.1A inductor
CR104-470
Sumida
N1
30V, 0.1Ω N-channel MOSFET
FDN361AN
Fairchild
N2
30V, 95mΩ dual N-channel MOSFET
FDC6561AN
Fairchild
T1
8.7µH, 180:1 transformer
5371-T001 (CIUH842 style)
Sumida
D1
30V, 1A Schottky diode
CRS02
Toshiba
D2
0.1A Schottky diode
BAT54
Fairchild
D3
0.1A dual Schottky diode
MMBD4148SE
Fairchild
C6
22pF, 3.1kV capacitor
GHM1038-SL-220J-3K
Murata
C7
0.1µF, 63V, low-dissipation capacitor
SMD1812
WIMA
Table 4. CCFL Specifications
Table 5. Components for the Standard Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com