Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1739EEP Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # MAX1739EEP
Description  Wide Brightness Range CCFL Backlight Controllers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1739EEP Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button MAX1739EEP Datasheet HTML 18Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 19Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 20Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 21Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 22Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 23Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 24Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 25Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 26Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Wide Brightness Range
CCFL Backlight Controllers
______________________________________________________________________________________
23
Brightness Register
[BRIGHT4–BRIGHT0] (POR = 0b10111)
The 5-bit brightness register corresponds with the 5-bit
brightness code used in the dimming control (see
Dimming Range). BRIGHT4–BRIGHT0 = 0b00000 sets
minimum brightness, and BRIGHT4–BRIGHT0 =
0b11111 sets maximum brightness. The SMBus inter-
face does not control whether the device regulates the
current by analog dimming, DPWM dimming, or both;
this is done by MINDAC (Table 2).
Shutdown-Mode Register
[SHMD2–SHMD0] (POR = 0b001)
The 3-bit shutdown-mode register configures the oper-
ation of the device when the SH/SUS pin is toggled as
described in Table 7. The shutdown-mode register can
also be used to shut off directly the CCFL, regardless
of the SH/SUS state (Table 8).
DATA REGISTER BIT ASSIGNMENT
R OR
W
PROTOCOL
COMMAND
BYTE*
POR
STATE
BIT 7
(MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(LSB)
Read and
Write
0x01
0b0XXX
XX01
0x17
0
0
0
BRIGHT4
(MSB)
BRIGHT3
BRIGHT2
BRIGHT1
BRIGHT0
(LSB)
Read and
Write
0x02
0b0XXX
XX10
0xF9
STATUS1
STATUS0
1
1
1
SHMD2
SHMD1
SHMD0
Read
Only
0x03
0b0XXX
XX11
0x96
ChipID7
1
ChipID6
0
ChipID5
0
ChipID4
1
ChipID3
0
ChipID2
1
ChipID1
1
ChipID0
0
Read
Only
0x04
0b0XXX
XX00
0x00
ChipRev7
0
ChipRev6
0
ChipRev5
0
ChipRev4
0
ChipRev3
0
ChipRev2
0
ChipRev1
0
ChipRev0
0
Read and
Write
0x40
0b10XX
XXXX
0xBF
BRIGHT4
(MSB)
BRIGHT3
BRIGHT2
BRIGHT1
BRIGHT0
(LSB)
1
STATUS1
STATUS0
Read
Only
0xFE
0b11XX
XXX0
0x4D
MfgID7
0
MfgID6
1
MfgID5
0
MfgID4
0
MfgID3
1
MfgID2
1
MfgID1
0
MfgID0
1
Read
Only
0xFF
0b11XX
XXX1
0x96
ChipID7
1
ChipID6
0
ChipID5
0
ChipID4
1
ChipID3
0
ChipID2
1
ChipID1
1
ChipID0
0
*The hexadecimal command byte shown is recommended for maximum forward compatibility with future MAXIM products.
Table 6. Commands Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com