Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1739EEP Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX1739EEP
Description  Wide Brightness Range CCFL Backlight Controllers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1739EEP Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX1739EEP Datasheet HTML 10Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 11Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 12Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 13Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 14Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 15Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 16Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 17Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Wide Brightness Range
CCFL Backlight Controllers
14
______________________________________________________________________________________
brightness code of ob00000 corresponds to a 9.375%
DPWM duty cycle, and a brightness code of ob11111
corresponds to a 100% DPWM duty cycle. The duty
cycle changes by 3.125% per step, except codes
ob00000 to ob00011 all produce 9.375% (Figure 3).
To disable DPWM and always use 100% duty cycle, set
VMINDAC to VL. Note that with DPWM disabled, the
equations above should assume VMINDAC = 0 instead
of VMINDAC = VL. Table 2 lists MINDAC’s functionality,
and Table 3 shows some typical settings for the bright-
ness adjustment.
In normal operation, VMINDAC is set between 0 and
VREF, and the MAX1739/MAX1839 use both lamp cur-
rent control and DPWM control to vary the lamp bright-
ness (Figure 4). In this mode, lamp current control
regulates the average lamp current during a DPWM on-
cycle and not the overall average lamp current.
Analog Interface and Brightness Code
The MAX1739/MAX1839 analog interface uses an inter-
nal ADC with 1-bit hysteresis to generate the brightness
code used to dim the lamp (see Dimming Range).
CTL/SDA is the ADC’s input, and CRF/SCL is its refer-
ence voltage. The ADC can operate in either positive-
scale ADC mode or negative-scale ADC mode. In
positive-scale ADC mode, the brightness code increas-
es from 0 to 31 as VCTL increases from 0 to VCRF. In
negative-scale mode, the brightness scale decreases
from 31 to 0 as VCTL increases from 0 to VCRF (Figure 5).
The analog interface’s internal ADC uses 1-bit hystere-
sis to keep the lamp from flickering between two codes.
VCTL’s positive threshold (VCTL(TH)) is the voltage
required to transition the brightness code as VCTL
increases and can be calculated as follows:
VCTL(TH) = (n + 2) / 33 VCRF
(positive-scale ADC mode, MODE = GND)
VCTL(TH) = (33 - n) / 33 VCRF
(negative-scale ADC mode, MODE = REF)
where n is the current selected brightness code. VCTL’s
negative threshold is the voltage required to transition
the brightness code as VCTL decreases and can be
calculated as follows:
VCTL(TH) = n / 33 VCRF
(positive-scale ADC mode, MODE = GND)
VCTL(TH) = (31 - n) / 33 VCRF
(negative-scale ADC mode, MODE = REF)
Figure 5 shows a graphic representation of the thresh-
olds. CRF/SDA’s and CTL/SCL’s input voltage range is
2.7V to 5.5V.
MINDAC = VL
DPWM disabled (always on 100% duty cycle). Operates in lamp current control only.
(Use VMINDAC = 0 in the equations.)
MINDAC = REF
DPWM control enabled, duty cycle ranges from 9% to 100%. Lamp current control is disabled
(always maximum current).
0
≤ VMINDAC < VREF
The device uses both lamp current control and DPWM.
Table 2. MINDAC Functionality
0
10
20
30
60
70
40
50
80
90
100
012
48
20
16
24
28
32
BRIGHTNESS CODE
DPWM SETTINGS
Figure 3. DPWM Settings
0
10
20
30
60
70
40
50
80
90
100
012
48
20
16
24
28
32
BRIGHTNESS CODE
COMBINED POWER LEVEL
(BOTH DPWM AND
LAMP CONTROL CURRENT)
Figure 4. Combined Power Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com