Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1739EEP Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1739EEP
Description  Wide Brightness Range CCFL Backlight Controllers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1739EEP Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1739EEP Datasheet HTML 9Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 10Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 11Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 12Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 13Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 14Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 15Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 16Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Wide Brightness Range
CCFL Backlight Controllers
______________________________________________________________________________________
13
allow the circuit to operate in dropout at extremely low
battery voltages where the backlight’s performance is
secondary. All backlight circuit designs can undergo a
transient overvoltage condition when the laptop is
plugged into the AC adapter and VBATT suddenly
increases. The MAX1739/MAX1839 contain a unique
clamp circuit on VCCI. Along with the feed-forward cir-
cuitry, it ensures that there is not a transient transformer
overvoltage when leaving dropout.
The PK_DET_CLAMP circuit limits VCCI to the peaks of
the buck-regulator’s PWM ramp generator. As the cir-
cuit reaches dropout, VCCI approaches the peaks of
the PWM ramp generator in order to reach maximum
duty cycle. If VBATT decreases further, the control loop
loses regulation and VCCI tries to reach its positive sup-
ply rail. The clamp circuit on VCCI keeps this from hap-
pening, and VCCI rides just above the peaks of the
PWM ramp. As VBATT decreases further, the feed-for-
ward PWM ramp generator loses amplitude and the
clamp drags VCCI down with it to a voltage below
where VCCI would have been if the circuit was not in
dropout. When VBATT is suddenly increased out of
dropout, VCCI is still low and maintains the drive on the
transformer at the old dropout level. The circuit then
slowly corrects and increases VCCI to bring the circuit
back into regulation.
Buck Regulator
The buck regulator uses the signals from the PWM
comparator, the current-limit detection on CS, and
DPWM signals to control the high-side MOSFET duty
cycle. The regulator uses voltage-mode PWM control
and is synchronized to the Royer oscillator. A falling
edge on SYNC turns on the high-side MOSFET after a
375ns minimum off-time delay. The PWM comparator or
the CS current limit ends the on-cycle.
Interface Selection
Table 1 lists the functionality of SH/SUS, CRF/SDA, and
CTL/SCL in each of the three interface modes of the
MAX1739/MAX1839. The MAX1739 features both an
SMBus digital interface and an analog interface, while
the MAX1839 features only the analog interface. Note
that MODE can also synchronize the DPWM frequency
(see Synchronizing the DPWM Frequency).
Dimming Range
Brightness is controlled by either the analog interface
(see Analog Interface) or the SMBus interface (see
SMBus Interface). CCFL brightness is adjusted in three
ways:
1) Lamp current control, where the magnitude of the
average lamp current is adjusted.
2) DPWM control, where the average lamp current is
pulsed to the lamp with a variable duty cycle.
3) A combination of the first two methods.
In each of the three methods, a 5-bit brightness code is
generated from the selected interface and is used to
set the lamp current and/or DPWM duty cycle.
The 5-bit brightness code defines the lamp current
level with ob00000 representing minimum lamp current
and ob11111 representing maximum lamp current. The
average lamp current is measured across an external
sense resistor (see Sense Resistors). The voltage on
the sense resistor is measured at CSAV. The brightness
code adjusts the regulation voltage at CSAV (VCSAV).
The minimum average VCSAV is VMINDAC/10, and the
maximum average is set by the following formula:
VCSAV = VREF ✕ 31 / 320 + VMINDAC / 320
which is between 193.75mV and 200mV.
Note that if VCSAV does not exceed 100mV peak (which
is about 32mV average) for over 2 seconds, the
MAX1739/MAX1839 will assume a lamp-out condition
and shut down (see Lamp-Out Detection).
The equation relating brightness code to CSAV regula-
tion voltage is:
VCSAV = VREF ✕ n / 320 + VMINDAC ✕ (32 - n) / 320
where n is the brightness code.
To always use maximum average lamp current when
using DPWM control, set VMINDAC to VREF.
DPWM control works similar to lamp current control in
that it also responds to the 5-bit brightness code. A
DIGITAL
INTERFACE
ANALOG INTERFACE
PIN
MODE = VL
(MAX1739 only)
MODE = REF,
VCTL/SCL = 0 = maximum brightness
MODE = GND,
VCTL/SCL = 0 = minimum brightness
SH/SUS
SMBus suspend
Logic-level shutdown control input
CRF/SDA
SMBus data I/O
Reference input for minimum brightness
Reference input for maximum brightness
CTL/SCL
SMBus clock input
Analog control input to set brightness (range from 0 to CRF/SDA)
Table 1. Interface Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com