Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1739EEP Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX1739EEP
Description  Wide Brightness Range CCFL Backlight Controllers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1739EEP Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX1739EEP Datasheet HTML 13Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 14Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 15Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 16Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 17Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 18Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 19Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 20Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Wide Brightness Range
CCFL Backlight Controllers
______________________________________________________________________________________
17
Figure 8. Standard Application Circuit
increases the circuit’s demand for current but may not
be enough to blow the fuse. With the buck switch short-
ed, the center tap rises above its regulation point,
which causes the CCV amplifier’s output (VCCV) to go
low. To detect this, the MAX1739/MAX1839 check that
VCCV is below 1V at the end of every DPWM period. If
this condition persists for over 250ms (or 64 DPWM
pulses), the inverter switch commutation is stopped
with either DL1 or DL2 on. With the buck switch short-
ed, this will cause a short circuit with enough current to
blow the fuse. If the buck switch is not shorted, then the
inverter latches off as in a lamp-out condition.
Both buck-switch short and lamp-out detection will
clear the STATUS1 bit in the SMBus interface. STA-
TUS1 does not clear immediately but will clear about 2
seconds after the inverter has been forced off (see
Digital Interface).
Note that once the inverter board fuse has blown,
SMBus communications with the part will cease since
the MAX1739 will then be without power.
Applications Information
As shown in the standard application circuit (Figure 8),
the MAX1739/MAX1839 regulate the current of a 4.5W
CCFL. The IC’s analog voltage interface sets the lamp
brightness with a minimum 20:1 power adjustment
range. This circuit operates from a wide supply-voltage
range of 7V to 24V. Typical applications include note-
book, desktop monitor, and car navigation displays.
CCFL Specifications
To select the correct component values for the
MAX1739/MAX1839 circuit, several CCFL parameters
(Table 4) and the minimum DC input voltage must be
specified.
Royer Oscillator
Components T1, C6, C7, N2A, and N2B form the Royer
oscillator. A Royer oscillator is a resonant tank circuit
that oscillates at a frequency dependent on C7, the pri-
mary magnetizing inductance of T1 (LP), and the
impedance seen by the T1 secondary. Figure 8 shows
BATT
VIN
(5V TO 28V)
C9
4.7
µF
C3
C4
C6
C7
N2B
R13
N2A
D5
T1
N1
D2
D1
R4
R5
C5
L1
C2
C1
VL
VL
DHI
BST
LX
SYNC
CTFB
DL2
DL1
GND
CS
CSAV
CCV
CCI
REF
MINDAC
CRF/SDA
DIMMING
ON/OFF
CTL/SCL
SH/SUS
MAX1739
MAX1839
MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com