Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1739EEP Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX1739EEP
Description  Wide Brightness Range CCFL Backlight Controllers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1739EEP Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX1739EEP Datasheet HTML 15Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 16Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 17Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 18Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 19Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 20Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 21Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 22Page - Maxim Integrated Products MAX1739EEP Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Wide Brightness Range
CCFL Backlight Controllers
______________________________________________________________________________________
19
The MAX1739/MAX1839 regulate the average current
through the CCFL. The current is sensed through the
sense resistor (R13) at CSAV. The voltage at CSAV is
the half-wave rectified representation of the current
through the lamp (Figure 10). The MAX1739/MAX1839
regulate the average voltage at CSAV (IR13, AVG ✕ R13)
and are controlled by either the analog interface or the
SMBus interface. To set the maximum lamp current,
determine R13 as follows:
R13 = 0.4304 / IL,RMS,MAX
where IL,RMS,MAX is the maximum RMS lamp current.
MINDAC and the wave shape influence the actual max-
imum RMS lamp current. Use an RMS current meter to
make final adjustments to R13.
Loop Compensation
CCCI sets the speed of the current control loop that is
used during startup, maintaining lamp current regula-
tion, and during transients caused by changing the
lamp current setting. The standard CCCI value is
0.01µF. Larger values limit lamp current overshoot.
Smaller values speed up its response to changes in the
lamp current setting, but can lead to instability for
extremely small values. Very large values of CCCI
increase the delay to strike voltage in DPWM and can
cause loss of regulation in the extreme case. Note that
very large CCCV can do the same thing.
C6 not only affects loop compensation, but it also affects
the waveform shape, overall efficiency, and the maxi-
mum necessary secondary transformer voltage. Low val-
ues of C6 improve loop stability, especially in systems
using a CCFL with a large difference between its restrike
voltage and its operating voltage (characteristic of long
narrow CCFLs) during DPWM. A low value of C6 also
improves stability when the lamp’s operating voltage
drops with an increase in lamp current. However, low
values of C6 increase the maximum necessary trans-
former voltage. C7 interacts with C6 and affects the
Royer frequency, Royer Q value, and overall efficiency.
CCCV sets the speed of the voltage control loop that
affects DPWM transients and operation in fault condi-
tions. If DPWM is not used, the voltage control loop
should only be active during fault conditions. The stan-
dard value of CCCV is 3300pF. Use the smallest value
of CCCV necessary to set an acceptable fault transient
response and not cause excessive ringing at the begin-
ning of a DPWM pulse. Note that the worst-case fault
R4
TO
CTFB
R5
T1
VCT
L1
NP
NP
NS
VS = VS(RMS) = N ✕ 1.1 ✕ VCT
N = NS/NP
N2B
N2A
2
π
ω
N
πVCT
2
-N
πVCT
2
2
π
ω
πVCT
2
VCT is the average DC voltage at center top
D5A
D5B
CSAV
R13
T1
C6
CCFL
2
π
ω
IL,PK
IL,RMS
-IL,PK
IL,PK
IR13, AVG
2
π
ω
IL, RMS, MAX =
0.04304
R13
Figure 9. Transformer Primary/Secondary Voltage Relationship
Figure 10. Current-Sense Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com